công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DLA40IM800PC bảng dữ liệu(PDF) 3 Page - IXYS Corporation

tên linh kiện DLA40IM800PC
Giải thích chi tiết về linh kiện  High Efficiency Standard Rectifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  IXYS [IXYS Corporation]
Trang chủ  http://www.ixys.com
Logo IXYS - IXYS Corporation

DLA40IM800PC bảng dữ liệu(HTML) 3 Page - IXYS Corporation

  DLA40IM800PC Datasheet HTML 1Page - IXYS Corporation DLA40IM800PC Datasheet HTML 2Page - IXYS Corporation DLA40IM800PC Datasheet HTML 3Page - IXYS Corporation DLA40IM800PC Datasheet HTML 4Page - IXYS Corporation DLA40IM800PC Datasheet HTML 5Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
DLA40IM800PC
1) I
RMS is typically limited by the pin-to-chip resistance (1); or by the current capability of the chip (2). In case of (1) and a product
with multiple pins for one chip-potential, the current capability can be increased by connecting the pins as one contact.
Ratings
Product Marking
Date Code
Part No.
Logo
Assembly Code
XXXXXXXXX
IXYS yywwz
000000
Assembly Line
D
L
A
40
IM
800
PC
Part number
Diode
High Efficiency Standard Rectifier
(up to 1200V)
Single Diode
TO-263AB (D2Pak) (2)
=
=
=
DSI30-12AS
TO-263AB (D2Pak) (2)
1200
Current Rating [A]
Reverse Voltage [V]
=
=
=
=
Package
TVJ
°C
T
stg
°C
150
storage temperature
-55
Weight
g
2
Symbol
Definition
typ.
max.
min.
Conditions
virtual junction temperature
Unit
F
C
N
60
mounting force with clip
20
I
RMS
RMS current
35
A
per terminal
175
-55
DSI30-16AS
TO-263AB (D2Pak) (2)
1600
TO-263 (D2Pak)
Similar Part
Package
Voltage class
DSI30-08AS
TO-263AB (D2Pak) (2)
800
Delivery Mode
Quantity
Code No.
Part Number
Marking on Product
Ordering
1)
DLA40IM800PC
509995
Tape & Reel
800
DLA40IM800PC
Standard
threshold voltage
V
0.85
mΩ
V0 max
R0 max
slope resistance *
6.8
Equivalent Circuits for Simulation
T
=
VJ
I
V0
R0
Rectifier
175°C
* on die level
IXYS reserves the right to change limits, conditions and dimensions.
20130116a
Data according to IEC 60747and per semiconductor unless otherwise specified
© 2013 IXYS all rights reserved



Html Pages

1 2 3 4 5


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com