| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MPC561MZP56 bảng dữ liệu(PDF) 4 Page - Motorola, Inc |
|
|
|||||||||||||||||||||||||||||
MPC561MZP56 bảng dữ liệu(HTML) 4 Page - Motorola, Inc |
|
4 / 12 page ![]() MPC561/MPC563 PRODUCT BRIEF MOTOROLA 4 • Alternate reference input (ALTREF), with control in the conversion command word (CCW) Three CAN 2.0B Controller (TouCAN) Modules • Three TouCAN modules (TOUCAN_A, TOUCAN_B, TOUCAN_C) • Each TouCAN provides the following features: — 16 message buffers each, programmable I/O modes — Maskable interrupts — Independent of the transmission medium (external transceiver is assumed) — Open network architecture, multi-master concept — High immunity to EMI — Short latency time for high-priority messages — Low-power sleep mode, with programmable wake-up on bus activity — TOUCAN_C pins are shared with MIOS14 GPIO or QSMCM Queued Serial Multi-Channel Module (QSMCM) • One queued serial module with one queued SPI and two SCIs (QSMCM) • QSMCM matches full MPC555 QSMCM functionality • Queued SPI — Provides full-duplex communication port for peripheral expansion or inter-processor commu- nication — Up to 32 preprogrammed transfers, reducing overhead — Synchronous serial interface with baud rate of up to system clock / 4 — Four programmable peripheral-selects pins: — Support up to 16 devices with external decoding — Support up to eight devices with internal decoding — Special wrap-around mode allows continuous sampling of a serial peripheral for efficient inter- facing to serial analog-to-digital (A/D) converters • SCI — UART mode provides NRZ format and half- or full-duplex interface — 16 register receive buffers and 16 register transmit buffers on one SCI — Advanced error detection and optional parity generation and detection — Word-length programmable as eight or nine bits — Separate transmitter and receiver enable bits, and double buffering of data — Wake-up functions allow the CPU to run uninterrupted until either a true idle line is detected, or a new address byte is received Peripheral Pin Multiplexing (PPM) PPM • Synchronous serial interface between the microprocessor and an external device • Four internal parallel data sources can be multiplexed through the PPM — TPU3_A: 16 channels — TPU3_B: 16 channels — MIOS14: 12 PWM channels, 4 MDA channels — Internal GPIO: 16 general-purpose inputs, 16 general-purpose outputs • Software configurable stream size • Software configurable clock (TCLK) based on system clock • Software selectable clock modes (SPI mode and TDM mode) • Software selectable operation modes — Continuous mode — Start-transmit-receive (STR) mode • Software configurable internal modules interconnect (shorting) |