công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PSA60010. bảng dữ liệu(PDF) 1 Page - celduc-relais

tên linh kiện PSA60010.
Giải thích chi tiết về linh kiện  MAGNETIC SAFETY SENSOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  CELDUC [celduc-relais]
Trang chủ  http://www.celduc-relais.com/uk/index.asp
Logo CELDUC - celduc-relais

PSA60010. bảng dữ liệu(HTML) 1 Page - celduc-relais

  PSA60010. Datasheet HTML 1Page - celduc-relais PSA60010. Datasheet HTML 2Page - celduc-relais PSA60010. Datasheet HTML 3Page - celduc-relais  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
page 1 / 3 F
P/SEC/PSA60010/I/19/03/2014
Ces capteurs de sécurité magnétique sans codage ont été conçus pour répondre
à des besoins de sécurité pour des machines "peu dangereuses".
L'actionneur est un simple aimant ou un aimant moulé type P625000.
Avec une sortie puissance jusqu'à 440VAC 2A et une protection en tension
intégrée ces capteurs permettent de piloter directement un contacteur de
puissance.
Ces capteurs ont été développés conformément aux normes de protection des
machines et de fiabilité: IEC 60947-5-1, EN/ISO 12100, EN 60204, et EN 1088 /
EN ISO 14119.
- Cat. 1 suivant la norme EN/ISO 13849-1.( ex EN954-1)
- PL= b ou c suivant la norme EN/ISO 13849-1 .
- MTTFd élevé
- SIL 1 suivant la norme IEC 61508.
Ces produits ont obtenu les certifications UL /cULus.
These magnetic safety sensors without coding have been designed to meet the
security requirements for machines presenting "low danger"
The actuator is a base magnet or a moulded magnet type P625000
With an output power up to 2A 440VAC with integrated voltage protection, these
sensors can directly drive a power contactor.
These sensors have been developed in accordance with mains safety standards:
IEC 60947-5-1, EN / ISO 12100, EN 60204 and EN 1088 / EN ISO 14119.
- Cat. 1 according to EN / ISO 13849-1. (Formerly EN954-1)
- PL = b or c according to EN / ISO 13849-1.
- High MTTFd
- SIL 1 according to IEC 61508.
These products have obtained UL / cULus. standards.
Capteur de sécurité magnétique
MAGNETIC SAFETY SENSOR
PSA60010
24 → 440VRMS
10mA → 2A
All technical caracteristics are subject to change without previous notice.
Caractéristiques sujettes à modifications sans préavis.
celduc®
r
e
l
a
i
s
Proud to serve you
Safety Sensors
Circuit équivalent /Equivalent circuit
Application typique /
Typical Application
OFF
ON
Dimensions:
355
16
51
8
PSA60010
celduc
400Vac 2A
240Vac 12VA
7
3,5


Số phần tương tự - PSA60010.

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
celduc-relais
PSA60020 CELDUC-PSA60020 Datasheet
545Kb / 3P
MAGNETIC SAFETY SENSOR
logo
Thurlby Thandar Instrum...
PSA6005 AIM-TTI-PSA6005 Datasheet
2Mb / 10P
PSA Series 5 portable RF Spectrum Analyzers, 3.6GHz and 6.0GHz Bench-top performance, handheld convenience
PSA6005USC AIM-TTI-PSA6005USC Datasheet
2Mb / 10P
PSA Series 5 portable RF Spectrum Analyzers, 3.6GHz and 6.0GHz Bench-top performance, handheld convenience
More results

Mô tả tương tự - PSA60010.

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
CLS-A2 ETC2-CLS-A2 Datasheet
72Kb / 1P
Safety magnetic sensors Magnetic units
logo
celduc-relais
PCC12320 CELDUC-PCC12320 Datasheet
546Kb / 2P
Magnetic sensor
PSA60020 CELDUC-PSA60020 Datasheet
545Kb / 3P
MAGNETIC SAFETY SENSOR
logo
Carlo Gavazzi Holding A...
SMSA2M02 CARLOGAVAZZI-SMSA2M02 Datasheet
119Kb / 3P
Safety Magnetic Sensors Cylindrical Safety Magnetic Sensors
SMS10 CARLOGAVAZZI-SMS10 Datasheet
153Kb / 2P
Safety Magnetic Sensors Rectangular Safety Magnetic Sensors
SMS03 CARLOGAVAZZI-SMS03 Datasheet
244Kb / 4P
Safety Magnetic Sensors Rectangular Safety Magnetic Sensors
SMS01 CARLOGAVAZZI-SMS01 Datasheet
191Kb / 3P
Safety Magnetic Sensors Rectangular Safety Magnetic Sensors
MC36C CARLOGAVAZZI-MC36C Datasheet
1Mb / 8P
Compact safety magnetic sensors
SMSA2P02 CARLOGAVAZZI-SMSA2P02 Datasheet
120Kb / 2P
Safety Magnetic Sensors Cylindrical Safety Magnetic Sensors Types SMSA2P02
CLS CARLOGAVAZZI-CLS Datasheet
76Kb / 1P
Safety magnetic sensors Magnetic units
01.02.2008
More results


Html Pages

1 2 3


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com