| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SLIN-06F2AX bảng dữ liệu(PDF) 8 Page - Bel Fuse Inc. |
|
|
|||||||||||||||||||||||||||||
SLIN-06F2AX bảng dữ liệu(HTML) 8 Page - Bel Fuse Inc. |
|
8 / 26 page ![]() Bel Fuse Inc. 206 Van Vorst Street, Jersey City, NJ 07302 • Tel 201-432-0463 • Fax 201-432-9542 • www.belfuse.com 8 NON-ISOLATED DC/DC CONVERTERS 2.4 Vdc - 5.5 Vdc Input, 0.6 Vdc - 3.63 Vdc /6 A Outputs January 13, 2011 Bel Power, Inc. , a subsidiary of Bel Fuse, Inc. Transient Response Waveforms TIME, t (20 μs /div) TIME, t (20 μs /div) Transient Response to Dynamic Load Change from 0% to 50% to 0%. Vin=5V, Vo=0.6V Transient Response to Dynamic Load Change from 0% to 50% to 0%. Vin=5V, Vo=1.2V TIME, t (20 μs /div) TIME, t (20 μs /div) Transient Response to Dynamic Load Change from 0% to 50% to 0%. Vin=5V, Vo=1.8V Transient Response to Dynamic Load Change from 0% to 50% to 0%. Vin=5V, Vo=2.5V TIME, t (20 μs /div) Transient Response to Dynamic Load Change from 0% to 50% to 0%. Vin=5V, Vo=3.3V |