công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STR1-SAMF10P5 bảng dữ liệu(PDF) 3 Page - SICK AG

tên linh kiện STR1-SAMF10P5
Giải thích chi tiết về linh kiện  NON-CONTACT SAFETY SWITCHES
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SICK [SICK AG]
Trang chủ  http://www.sick.com/
Logo SICK - SICK AG

STR1-SAMF10P5 bảng dữ liệu(HTML) 3 Page - SICK AG

  STR1-SAMF10P5 Datasheet HTML 1Page - SICK AG STR1-SAMF10P5 Datasheet HTML 2Page - SICK AG STR1-SAMF10P5 Datasheet HTML 3Page - SICK AG STR1-SAMF10P5 Datasheet HTML 4Page - SICK AG STR1-SAMF10P5 Datasheet HTML 5Page - SICK AG STR1-SAMF10P5 Datasheet HTML 6Page - SICK AG STR1-SAMF10P5 Datasheet HTML 7Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
STR1-SAMF10P5 | STR1
NON-CONTACT SAFETY SWITCHES
Cable material PVC
Diagnostics indicator
✔
Status display
✔
Electrical data
Protection class
III (IEC 61140)
Classification according to cULus
Class 2
Supply voltage Vs
24 V DC (19.2 V DC ... 28.8 V DC)
Power consumption
50 mA
Type of output
Semiconductor (OSSD)
Output current
≤ 100 mA
Response time
40 ms 1)
Enable time
100 ms 1) 2)
Risk time
80 ms 1) 3)
Switch-on time
2.5 s 4)
1) In a cascade, each downstream safety switch increases the system response time. More response times can be found in the operating instructions.
2) Response time on approach to the enable zone.
3) Detection time for internal oder external faults (e.g., short-circuit or cross-circuit of output signal switching devices). Follow the detailed information in the operating
instructions.
4) The stated time applies for one sensor after application of the supply voltage to the safety switch. In case of a cascade 0.1 s must be added per sensor. For uniquely
coded or permanently coded sensors 0.5 s must be added additionally per taught-in actuator.
Mechanical data
Dimensions (W x H x D)
40 mm x 18 mm x 26 mm
Weight
416 g
Housing material
VISTAL®
Ambient data
Enclosure rating
IP67 (EN 60529)
IPX9K (ISO 20653)
Ambient operating temperature
–10 °C ... +70 °C
Storage temperature
–25 °C ... +70 °C
Vibration resistance
10 Hz ... 55 Hz, 1 mm (IEC 60068-2-6)
Shock resistance
30 g, 11 ms (IEC 60068-2-27)
EMC
EN IEC 61326-3-1
EN IEC 60947-5-2
EN IEC 60947-5-3
EN 300330 V2.1.1
Classifications
ECl@ss 5.0
27272403
ECl@ss 5.1.4
27272403
ECl@ss 6.0
27272403
ECl@ss 6.2
27272403
ECl@ss 7.0
27272403
ECl@ss 8.0
27272403
ECl@ss 8.1
27272403
2018-08-31 13:13:28 | Online data sheet
Subject to change without notice
SAFETY SWITCHES | SICK
3



Html Pages

1 2 3 4 5 6 7


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com