| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
WM8591GEDS/V bảng dữ liệu(PDF) 27 Page - Wolfson Microelectronics plc |
|
|
|||||||||||||||||||||||||||||
WM8591GEDS/V bảng dữ liệu(HTML) 27 Page - Wolfson Microelectronics plc |
|
27 / 50 page ![]() Product Preview WM8591 w PP Rev 1.0 May 2005 27 ADC MUTE Each ADC channel also has an individual mute control bit, which mutes the input to the ADC PGA. By setting the LRBOTH bit (reg22, bit 8) both channels can be muted simultaneously. REGISTER ADDRESS BIT LABEL DEFAULT DESCRIPTION R21 (15h) 0010101 ADC Mute Left 1 MUTELA 0 ADC Mute Select 0 : Normal Operation 1: mute ADC left R21 (15h) 0001111 ADC Mute Right 0 MUTERA 0 ADC Mute Select 0 : Normal Operation 1: mute ADC right DE-EMPHASIS MODE The De-emphasis filter for the DAC is enabled under the control of DEEMP. REGISTER ADDRESS BIT LABEL DEFAULT DESCRIPTION R9 (09h) 0001001 DAC De-emphasis Control 0 DEEMPH 0 De-emphasis Mode Select: 0 : Normal Mode 1: De-emphasis Mode Refer to Figure 30, Figure 31, Figure 32, Figure 33, Figure 34 and Figure 35 for details of the De- Emphasis modes at different sample rates. POWERDOWN MODE AND ADC/DAC DISABLE Setting the PDWN register bit immediately powers down the WM8591, including the references, overriding all other powerdown control bits. All trace of the previous input samples is removed, but all control register settings are preserved. When PDWN is cleared, the digital filters will be re-initialised. It is recommended that the buffer, ADC and DAC are powered down before setting PDWN. REGISTER ADDRESS BIT LABEL DEFAULT DESCRIPTION R13 (0Dh) 0001101 Powerdown Control 0 PDWN 0 Power Down Mode Select: 0 : Normal Mode 1: Power Down Mode The ADC and DAC may also be powered down by setting the ADCPD and DACPD disable bits. Setting ADCPD will disable the ADC and select a low power mode. The ADC digital filters will be reset and will reinitialise when ADCPD is reset. The DAC has a separate disable DACPD. Setting DACPD will disable the DAC, mixer and output PGAs. Resetting DACPD will reinitialise the digital filters. REGISTER ADDRESS BIT LABEL DEFAULT DESCRIPTION 1 ADCPD 0 ADC Powerdown: 0 : Normal Mode 1: Power Down Mode R13 (0Dh) 0001101 Powerdown Control 2 DACPD 0 DAC Powerdown: 0 : Normal Mode 1: Power Down Mode |