| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AD8194ACPZ-R7 bảng dữ liệu(PDF) 14 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD8194ACPZ-R7 bảng dữ liệu(HTML) 14 Page - Analog Devices |
|
14 / 16 page ![]() AD8194 Data Sheet Rev. A | Page 14 of 16 Evaluation Board The AD8194 evaluation board illustrates one way to implement a 2:1 HDMI link switch with an AD8194 and a CMOS switch. The AD8194 evaluation board deviates from a typical application in that it uses an HDMI connector for the output as well as for the inputs. This setup makes it easy to connect equipment to the AD8194 evaluation board with standard HDMI cables. However, this arrangement requires crossing over the TMDS signals on the output side (see Figure 24). In a typical application, the output of the AD8194 is routed directly into an HDMI receiver. Because a receiver is generally designed to interface directly to an HDMI input connector, it is not necessary to cross over the TMDS signals in a typical application (see Figure 25). CROSSOVER REQUIRED HDMI CONNECTOR 1 19 19 AD8194 HDMI CONNECTOR 1 1 19 HDMI CONNECTOR Figure 24. Block Diagram of AD8194 Evaluation Board Showing Output Crossover HDMI CONNECTOR HDMI RECEIVER 1 19 AD8194 Figure 25. HDMI Signals to HDMI Receiver, No Crossover Required |