| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TDA7419TR bảng dữ liệu(PDF) 18 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
TDA7419TR bảng dữ liệu(HTML) 18 Page - STMicroelectronics |
|
18 / 30 page ![]() TDA7419 18/30 5.11 AC-Coupling In some applications additional signal manipulations are desired, such as additional band equalizations. For this purpose, an AC-Coupling can be placed before the loudness attenuator or speaker-attenuators, which can be activated or internally shorted by I2C-Bus. In short condition, the input-signal of the speaker- attenuator is available at the AC-Outputs. The input-impedance of this AC-Inputs is 50k Ω. Figure 22. Diagram of AC coupling 5.12 DSO Applications For DSO applications, DSO filter is available for additional processing after the speaker control. It is a 2nd order Butterworth highpass filter with selectable flat mode. Figure 23 shows the diagram of the DSO that includes an external RC network. Figure 23. DSO diagram To Output ACINL ACINR ACOUTR ACOUTL From Input MUX Filters InGain Speakers ACIN /FILO SE3IN /AC2IN ACOUT /AC2OUT External RC network To output Gain Control From speaker |