công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STW81100AT bảng dữ liệu(PDF) 16 Page - STMicroelectronics

tên linh kiện STW81100AT
Giải thích chi tiết về linh kiện  MULTI-BAND RF FREQUENCY SYNTHESIZER WITH INTEGRATED VCOS
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW81100AT bảng dữ liệu(HTML) 16 Page - STMicroelectronics

Back Button STW81100AT Datasheet HTML 12Page - STMicroelectronics STW81100AT Datasheet HTML 13Page - STMicroelectronics STW81100AT Datasheet HTML 14Page - STMicroelectronics STW81100AT Datasheet HTML 15Page - STMicroelectronics STW81100AT Datasheet HTML 16Page - STMicroelectronics STW81100AT Datasheet HTML 17Page - STMicroelectronics STW81100AT Datasheet HTML 18Page - STMicroelectronics STW81100AT Datasheet HTML 19Page - STMicroelectronics STW81100AT Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 23 page
background image
STW81100
16/23
Table 10.
8.1.8 Multi-byte write mode
The multi-byte write mode can start from any internal address. The master sends the data bytes and each
one is acknowledged. The master terminates the transfer by generating a STOP condition.
The sub-address decides the starting byte. A multi byte with sub-address 07H and 5 DATA_IN byte would
affect the bytes starting from DATA_OUT[63:56] to DATA_OUT[31:24] and so on.
Table 11.
8.1.9 Current Byte Address Read
In the current byte address read mode, following a START condition, the master sends the device address
with the rw bit set to 1 (No sub-address is needed as there is only 1 byte read register). The STW81100
acknowledges this and outputs the data byte. The master does not acknowledge the received byte, but
terminates the transfer with a STOP condition.
Table 12.
8.2 Timing Specification
Figure 20. Data and clock
Table 13.
S
1100A2A1A0
0
ack
sub-address byte
ack
DATA IN
ack
P
S
1100A2A1A0
0
ack
sub-address byte
ack
DATA IN
ack
....
DATA IN
ack
P
S
1100A2A1A0
0
ack
sub-address byte
ack
DATA IN
ack
....
DATA IN
ack
P
Symbol
Parameter
Minimum time (ns)
Tcs
Data to clock set up time
2
Tch
Data to clock hold time
2
Tcwh
Clock pulse width high
10
Tcwl
Clock pulse width low
5
t
cs
t
ch
t
cwh
t
cwl
SDA
SCL
t
cs
t
ch
t
cwh
t
cwl
SDA
SCL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com