công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STF20NM60D bảng dữ liệu(PDF) 10 Page - STMicroelectronics

tên linh kiện STF20NM60D
Giải thích chi tiết về linh kiện  N-CHANNEL 600V - 0.26ohm - 20A TO-220-TO-220FP-TO-247 FDmesh POWER MOSFET (with FAST DIODE)
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STF20NM60D bảng dữ liệu(HTML) 10 Page - STMicroelectronics

Back Button STF20NM60D Datasheet HTML 6Page - STMicroelectronics STF20NM60D Datasheet HTML 7Page - STMicroelectronics STF20NM60D Datasheet HTML 8Page - STMicroelectronics STF20NM60D Datasheet HTML 9Page - STMicroelectronics STF20NM60D Datasheet HTML 10Page - STMicroelectronics STF20NM60D Datasheet HTML 11Page - STMicroelectronics STF20NM60D Datasheet HTML 12Page - STMicroelectronics STF20NM60D Datasheet HTML 13Page - STMicroelectronics STF20NM60D Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
Package mechanical data
STF20NM60D - STP20NM60FD - STW20NM60FD
10/15
4
Package mechanical data
In order to meet environmental requirements, ST offers these devices in ECOPACK®
packages. These packages have a Lead-free second level interconnect . The category of
second level interconnect is marked on the package and on the inner box label, in
compliance with JEDEC Standard JESD97. The maximum ratings related to soldering
conditions are also marked on the inner box label. ECOPACK is an ST trademark.
ECOPACK specifications are available at : www.st.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15