| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STMUX1000LQTR bảng dữ liệu(PDF) 5 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STMUX1000LQTR bảng dữ liệu(HTML) 5 Page - STMicroelectronics |
|
5 / 9 page ![]() STMUX1000L 5/9 Table 9: Capacitance Lan 8/16 MUX/DEMUX (TA = 25°C, f = 1 MHz) Note 4: x = A to H, x0 = A0 to H0, x1 = A1 to H1. Table 10: Capacitance Led Switches (TA = 25°C, f = 1 MHz) Table 11: Power Supply Characteristics (TA = -40 to 85°C) Table 12: LAN 8/16 MUX/DEMUX Dynamic Electrical CharacteristicS (TA = -40 to 85°C, VCC = 3.3V ±10%) Table 13: LAN 8/16 MUX/DEMUX Switching Characteristics (TA = -40 to 85°C, VCC = 3.3V ±10%) Note 4: x = A to H, x0 = A0 to H0, x1 = A1 to H1. Table 14: Three Channel Switches Switching Characteristics (TA = -40 to 85°C, VCC = 3.3V ±10%) Symbol Parameter Test Conditions Min. Typ. Max. Unit CIN Input Capacitance (Note 4) VIN = 0 V 23 pF COFF Port x0 to Port x1, Switch Off (Note 4) VIN = 0 V 46 pF CON Capacitance Switch On (x to x0 or x to x1) (Note 4) VIN = 0 V 7.5 11 pF Symbol Parameter Test Conditions Min. Typ. Max. Unit CIN Input Capacitance VIN = 0 V 10 pF COFF Port x0 to Port x1, Switch Off VIN = 0 V 410 pF CON Capacitance Switch On VIN = 0 V 11 20 pF Symbol Parameter Test Conditions Min. Typ. Max. Unit ICC Quiescent Power Supply VCC = 3.6 V, VIN = VCC or GND 150 500 µA Symbol Parameter Test Conditions Min. Typ. Max. Unit Xtalk Cross-Talk RL= 100 Ω, f = 250 MHz -40 dB OIRR Off Isolation RL= 100 Ω, f = 250 MHz -36 dB BW -3dB Bandwidth RL= 100 Ω 450 MHz Symbol Parameter Test Conditions Min. Typ. Max. Unit tPD Propagation Delay VCC = 3 V to 3.6 V 0.25 ns tPZH, tPZL Line Enable Time, SE to x to x0 or x to x1 VCC = 3 V to 3.6 V 0.5 6.5 9 ns tPHZ, tPLZ Line Disable Time, SE to x to x0 or x to x1 VCC = 3 V to 3.6 V 0.5 6.5 8.5 ns tSK(O) Output Skew between center port to any other port VCC = 3 V to 3.6 V 0.1 0.2 ns tSK(P) Skew between opposite transition of the same output (tPHL, tPLH) VCC = 3 V to 3.6 V 0.1 0.2 ns Symbol Parameter Test Conditions Min. Typ. Max. Unit tON Propagation Delay VCC = 3 V to 3.6 V 50 ns tOFF Propagation Delay VCC = 3 V to 3.6 V 30 ns |