| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TDA2EX bảng dữ liệu(PDF) 3 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TDA2EX bảng dữ liệu(HTML) 3 Page - Texas Instruments |
|
3 / 401 page ![]() Mailbox x13 High-Speed Interconnect Program/Data Storage Connectivity System (1x Arm Cortex–A15) IVA HD 1080p Video Co-Processor (C66x Co-Processor) DSP PCIe SS x2 (NAND/NOR/ Async) (1x SGX544 3D) intro-001 GPMC / ELM 256-KB ROM OCMC TDA2Ex GPU MPU Serial Interfaces I2C x6 UART x10 McSPI x4 DCAN x2 Spinlock GPIO x8 Timers x16 WDT QSPI EMIF 1x 32-bit DDR3/DDR3L McASP x8 CAL CSI2 GMAC AVB 1x USB 3.0 Dual Mode FS/HS/SS w/ PHY 2x USB 2.0 Dual Mode FS/HS 1x PHY, 1x ULPI 512-KB RAM DMM MMC / SD x4 EDMA VIP x1 JTAG VPE MMU x2 (Dual Cortex–M4) IPU 1 (Dual Cortex–M4) IPU 2 BB2D (GC320 2D) PWM SS x3 SDMA Copyright © 2016, Texas Instruments Incorporated Display Subsystem 1xGFX / 3xVID Blend / Scale HDMI 1.4a LCD3 Secure Boot Debug Security TEE (HS devices) LCD2 3 TDA2E-17 www.ti.com SPRS969E – AUGUST 2016 – REVISED JULY 2018 Submit Documentation Feedback Product Folder Links: TDA2E-17 Device Overview Copyright © 2016–2018, Texas Instruments Incorporated 1.4 Functional Block Diagram Figure 1-1 is functional block diagram for the device. Figure 1-1. TDA2Ex Block Diagram |