| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LR1812 bảng dữ liệu(PDF) 2 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
LR1812 bảng dữ liệu(HTML) 2 Page - Unisonic Technologies |
|
2 / 6 page ![]() LR1812 CMOS IC UNISONICTECHNOLOGIESCO.,LTD 2 of 6 www.unisonic.com.tw QW-R102-079.a MARKING INFORMATION PACKAGE VOLTAGE CODE MARKING SOT-25 HSOP-8 12: 1.2V 15: 1.5V 18: 1.8V 25: 2.5V 33: 3.3V PIN CONFIGURATION 1 NC NC NC NC 2 3 4 5 6 7 8 VIN VOUT GND GND ON/ OFF 3 2 1 4 5 ON/OFF GND VIN VOUT NC HSOP-8 SOT-25 PIN DESCRIPTION PIN NO. HSOP-8 (Fixed) SOT-25 PIN NAME PIN DESCRIPTION 1 5 VOUT Output voltage 2 3 ON/OFF ON/OFF select pin, when connected to the ground the chip in operating normally. 3, 5,6,7 4 NC No connection 4 2 GND GND 8 1 VIN Input voltage Note: The NC pin is electrically open. The NC pin can be connected to VIN or GND. |