công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MSMA02Z bảng dữ liệu(PDF) 1 Page - Panasonic Semiconductor

tên linh kiện MSMA02Z
Giải thích chi tiết về linh kiện  Minas A Series Digital AC Servo Motors & Drivers
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PANASONIC [Panasonic Semiconductor]
Trang chủ  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

MSMA02Z bảng dữ liệu(HTML) 1 Page - Panasonic Semiconductor

  MSMA02Z Datasheet HTML 1Page - Panasonic Semiconductor MSMA02Z Datasheet HTML 2Page - Panasonic Semiconductor MSMA02Z Datasheet HTML 3Page - Panasonic Semiconductor MSMA02Z Datasheet HTML 4Page - Panasonic Semiconductor MSMA02Z Datasheet HTML 5Page - Panasonic Semiconductor MSMA02Z Datasheet HTML 6Page - Panasonic Semiconductor MSMA02Z Datasheet HTML 7Page - Panasonic Semiconductor MSMA02Z Datasheet HTML 8Page - Panasonic Semiconductor MSMA02Z Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 39 page
background image
Panasonic
Minas A Series Digital AC Servo Motors & Drivers
MSMA Series
(Low Inertia)
TABLE OF CONTENTS
TABLE OF CONTENTS
Motor Output Range
30W, 50W, 100W, 200W, 400W, 750W, 1.0kW,
1.5kW, 2.0kW, 2.5kW, 3.0kW, 3.5kW, 4.0kW, 4.5kW, 5.0kW
Low Inertia Type
Rated Speed: 3000rpm
Maximum Speed: 4500/5000rpm
Torque: From 2.48 to 421.58 lb-in at peak
Applicable Amplifier
Use with MSDA Driver
Explanation of Part Numbers
t
u
p
t
u
O
d
e
t
a
R
A
3W
0
30
2W
k
0
.
2
A
5W
0
55
2W
k
5
.
2
1
0W
0
0
10
3W
k
0
.
3
2
0W
0
0
25
3W
k
5
.
3
4
0W
0
0
40
4W
k
0
.
4
8
0W
0
5
75
4W
k
5
.
4
0
1W
k
0
.
10
5W
k
0
.
5
5
1W
k
5
.
1
s
e
ir
e
S
A
M
S
M
y
l
p
p
u
S
r
e
w
o
P
ZV
0
0
2
/
0
0
1
1V
0
0
1
2V
0
0
2
r
e
d
o
c
n
E
Al
a
t
n
e
m
e
r
c
n
i
r/
p
0
0
5
2
C
e
t
u
l
o
s
b
a
ti
b
7
1
)
W
0
5
7
-
W
0
3
(
D
e
t
u
l
o
s
b
a
ti
b
7
1
)
W
k
0
.
5
-
W
k
0
.
1
(
e
s
u
,l
a
t
n
e
m
e
r
c
n
i
ti
b
7
1
r
o
F
t
u
o
h
ti
w
r
e
d
o
c
n
e
e
t
u
l
o
s
b
a
e
h
t
p
u
k
c
a
b
y
r
e
tt
a
b
M
S
M
A
0
2
A
1
E
2
12
3
4
5
67
8
9
10
s
n
o
it
a
c
if
i
c
e
p
S
Atf
a
h
s
d
n
u
o
R
Be
k
a
r
b
,t
f
a
h
s
d
n
u
o
R
Cl
a
e
s
li
o
,t
f
a
h
s
d
n
u
o
R
Dl
a
e
s
li
o
&
e
k
a
r
b
,t
f
a
h
s
d
n
u
o
R
Etf
a
h
s
y
e
K
Fe
k
a
r
b
,t
f
a
h
s
y
e
K
Gl
a
e
s
li
o
,t
f
a
h
s
y
e
K
Hl
a
e
s
li
o
&
e
k
a
r
b
,t
f
a
h
s
y
e
K
r
o
W
k
1
r
o
f
d
r
a
d
n
a
t
s
s
i
l
a
e
s
li
O
t
u
p
t
u
o
r
e
t
a
e
r
g
MSMA Series
Low Inertia
Design and specifications are subject to change without notice. Ask Panasonic for technical specifications before purchase and/or use.
Whenever a doubt about safety arises from this product, please contact Panasonic immediately for technical consultation.


Số phần tương tự - MSMA02Z

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Eaton All Rights Reserv...
MSMA0603 EATON-MSMA0603 Datasheet
856Kb / 10P
SMD current sensing resistor- metal strip
June 2022
MSMA0603R0000FAC EATON-MSMA0603R0000FAC Datasheet
856Kb / 10P
SMD current sensing resistor- metal strip
June 2022
MSMA0603R0000FAM EATON-MSMA0603R0000FAM Datasheet
856Kb / 10P
SMD current sensing resistor- metal strip
June 2022
MSMA0603R0000FCC EATON-MSMA0603R0000FCC Datasheet
856Kb / 10P
SMD current sensing resistor- metal strip
June 2022
MSMA0603R0000FCM EATON-MSMA0603R0000FCM Datasheet
856Kb / 10P
SMD current sensing resistor- metal strip
June 2022
More results

Mô tả tương tự - MSMA02Z

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Panasonic Semiconductor
MDMA152 PANASONIC-MDMA152 Datasheet
234Kb / 5P
Minas A Series Digital AC Servo Motors & Drivers
logo
MotionKing Motor Indust...
AS40 MOTIONKING-AS40 Datasheet
187Kb / 2P
AC Servo Motors
AS60 MOTIONKING-AS60 Datasheet
175Kb / 3P
AC Servo Motors
AS80 MOTIONKING-AS80 Datasheet
154Kb / 2P
AC Servo Motors
AS90 MOTIONKING-AS90 Datasheet
156Kb / 2P
AC Servo Motors
AS110 MOTIONKING-AS110 Datasheet
166Kb / 3P
AC Servo Motors
AS130 MOTIONKING-AS130 Datasheet
171Kb / 3P
AC Servo Motors
AS150 MOTIONKING-AS150 Datasheet
165Kb / 2P
AC Servo Motors
AS180 MOTIONKING-AS180 Datasheet
164Kb / 3P
AC Servo Motors
logo
Leadshine Technology Co...
ELVM LEADSHINE-ELVM Datasheet
735Kb / 3P
ELVM Series Servo Motors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com