công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

REF3433-Q1 bảng dữ liệu(PDF) 21 Page - Texas Instruments

tên linh kiện REF3433-Q1
Giải thích chi tiết về linh kiện  Low-Drift, Low-Power, Small-Footprint Series Voltage References
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

REF3433-Q1 bảng dữ liệu(HTML) 21 Page - Texas Instruments

Back Button REF3433-Q1 Datasheet HTML 17Page - Texas Instruments REF3433-Q1 Datasheet HTML 18Page - Texas Instruments REF3433-Q1 Datasheet HTML 19Page - Texas Instruments REF3433-Q1 Datasheet HTML 20Page - Texas Instruments REF3433-Q1 Datasheet HTML 21Page - Texas Instruments REF3433-Q1 Datasheet HTML 22Page - Texas Instruments REF3433-Q1 Datasheet HTML 23Page - Texas Instruments REF3433-Q1 Datasheet HTML 24Page - Texas Instruments REF3433-Q1 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
2
2
VREF ADC Total
VREF@ AIN Total
ADC Total
Error
Error
Error
ADC Total
2
2
2
2
Total Unadjusted Error
Error
Gain Error
Offset Error
INL Error
DNL Error
21
REF3425-Q1, REF3430-Q1, REF3433-Q1, REF3440-Q1, REF3450-Q1
www.ti.com
SBAS901 – JULY 2018
Product Folder Links: REF3425-Q1 REF3430-Q1 REF3433-Q1 REF3440-Q1 REF3450-Q1
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
(6)
(7)
10.2.2.4 Enable Feature in ADAS
In ADAS applications it is important to have a low quiescent current when the automotive application does not
require the ADAS system to be in use. This creates a need for a low standby power so the battery life is
preserved but there is also need for the system to still be readily available to start-up with minimal delays. In
such situations the MCU and other systems will go into a standby mode to ensure that the power consumption is
lowered to the absolute minimum. The REF3425-Q1 offers an enable pin that can be controlled by the MCU to
activate shutdown mode with causes the REF3425-Q1 to go into stand by and consume 3 μA (maximum) and
allow for a longer battery life.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com