| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
GT5-2/1S-R bảng dữ liệu(PDF) 18 Page - Hirose Electric |
|
|
|||||||||||||||||||||||||||||
GT5-2/1S-R bảng dữ liệu(HTML) 18 Page - Hirose Electric |
|
18 / 22 page ![]() 24 GT5 Series ● For Antenna 1.5D-2V or equivalent Lands 1 9.3 1.5 2 14.6 10.8 1.9 Ø0.5 1.9 (2.6) ( 2.9) 7 3.5 2 ( 2.3) Ø1.2 Ø0.6 GTC-1.6CF Part No. 1,500 pcs/reel YES YES 1,500 pcs/reel 14.6 10.8 2.3 2.9 1.5 9.3 1 2 G Terminals For Direct Coaxial Shielded Cable Termination 1.5D-2V or equivalent Ø0.5 1.9 (2.6) 7 3.5 2 2.3 2.9 Lands φ0.6 1.9 12.6 8.8 7.775 1.35 8.1 3.5 1.5D-2Vor equivalent (3.5) 3.5 (1.6) (4) (6.2) Heat-shrink tubing 3.5 Ø1.6 Ø1.2(Lands) BBoard Termination Pattern BBoard Termination Pattern BCompleted Termination cross section BRecommended Completed Termination cross section Part No. GTB-1.6CF(70) HRS No. HRS No. 755-0049-5 70 755-0106-7 Material Material Plating Plating Packaging Packaging Brass Brass Tin plating Tin plating Part No. GTA-1.6CF(70) HRS No. 755-0032-2 70 Material Plating Packaging Brass Tin plating RoHS YES RoHS RoHS 1,500 pcs/reel BBoard Termination Pattern BCompleted Termination cross section |