| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
GT17VS-6DP-R bảng dữ liệu(PDF) 45 Page - Hirose Electric |
|
|
|||||||||||||||||||||||||||||
GT17VS-6DP-R bảng dữ liệu(HTML) 45 Page - Hirose Electric |
|
45 / 47 page ![]() 164 GT17 Series ● For Network, High speed communication GT17HN-16DP-2H 12.3 8 16 9 1 22.6 GT17HN-16DP A GT17HN-16DP-2H(10) Part No. GT17HN-16DP-2H(10) HRS No. 767-0153-7 10 Material / Plating Color Packaging 200 pcs/reel Light Gray Housing:PPS Center terminal:Brass/Tin plating Outer terminal:Copper alloy/Tin plating YES RoHS Part No. GT17HN- 16DP-2H HRS No. 767-0153-7 Material / Plating Color Packaging 1 Light Gray Housing:PPS Center terminal:Brass/Tin plating Outer terminal:Copper alloy/Tin plating YES RoHS GT17HN-16DP A 1 9 16 8 M2.6 22.6 6 12.3 16 Pos. SMT Connectors With M2.6 screw flange Without flange |