công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

FL-MGUARD-DELTA-TX bảng dữ liệu(PDF) 2 Page - PHOENIX CONTACT

tên linh kiện FL-MGUARD-DELTA-TX
Giải thích chi tiết về linh kiện  Maximum security
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PHOENIX [PHOENIX CONTACT]
Trang chủ  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

FL-MGUARD-DELTA-TX bảng dữ liệu(HTML) 2 Page - PHOENIX CONTACT

  FL-MGUARD-DELTA-TX Datasheet HTML 1Page - PHOENIX CONTACT FL-MGUARD-DELTA-TX Datasheet HTML 2Page - PHOENIX CONTACT FL-MGUARD-DELTA-TX Datasheet HTML 3Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
https://www.phoenixcontact.com/pi/products/2700968
08/14/2018   Page 2 / 3
Router - FL MGUARD DELTA TX/TX VPN - 2700968
Technical data
Interfaces
Transmission length
100 m (per segment)
Signal LEDs
Supply voltage, data transmission, error, link, activity
Function
Basic functions
Router with intelligent firewall and VPN for 10 tunnels (up to 250
supported with optional additional license), CIFS Integrity Monitoring (as
an option), metal housing, slot for SD memory card
Supported browsers
HTTPS support required
Processor
330 MHz
Status and diagnostic indicators
LEDs:P1, P2, Fault, State, Error, LAN, WAN
Security functions
Dynamic Host Configuration Protocol (DHCP) support
Server or Relay Agent
Network Time Protocol (NTP) client
Client
Link Layer Discovery Protocol (LLDP)
As per protocol 802.2
Remote Syslog Logging
On externals server
Virtual private network (VPN) throughput
max. 42 Mbps (Router mode, VPN bidirectional throughput)
max. 27 Mbps (Stealth mode, VPN bidirectional throughput)
Number of VPN tunnels
As an option, 10 tunnels up to 250 tunnels, Ipsec (IETF) standard with
additional license FL MGUARD LIC VPN-10/ Order No. 2700194 or
FL MGUARD LIC VPN-250/ Order No. 2700193 or 2700192.
Encryption methods
DES, 3DES, AES-128, -192, -256
Data integrity
MD5, SHA-1, SHA 256, SHA-512
Firewall data throughput
max. 130 Mbps (Router mode, default firewall rules, bidirectional
throughput)
max. 61 Mbps (Stealth mode, default firewall rules, bidirectional
throughput)
Firewall rules
Configurable stateful inspection firewall with full scope of functions
Filtering
MAC and IP addresses, ports, protocols
Protection against
IP spoofing, DoS and Syn Flood Protection
Routing
Standard routing, NAT, 1:1-NAT, port forwarding
Supply voltage
Supply voltage
230 V AC
Supply voltage range
90 V AC ... 264 V AC ((50/60 Hz))
Typical current consumption
13 mA
Max. current consumption
40 mA
General
Net weight
725 g
Housing material
Metal
Standards and Regulations
Electromagnetic compatibility
Conformance with EMC Directive 2014/30/EU
Noise emission
EN 55022 / Class B



Html Pages

1 2 3


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com