công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SSL5021BTS bảng dữ liệu(PDF) 7 Page - NXP Semiconductors

tên linh kiện SSL5021BTS
Giải thích chi tiết về linh kiện  Compact low-ripple buck LED driver IC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

SSL5021BTS bảng dữ liệu(HTML) 7 Page - NXP Semiconductors

Back Button SSL5021BTS Datasheet HTML 3Page - NXP Semiconductors SSL5021BTS Datasheet HTML 4Page - NXP Semiconductors SSL5021BTS Datasheet HTML 5Page - NXP Semiconductors SSL5021BTS Datasheet HTML 6Page - NXP Semiconductors SSL5021BTS Datasheet HTML 7Page - NXP Semiconductors SSL5021BTS Datasheet HTML 8Page - NXP Semiconductors SSL5021BTS Datasheet HTML 9Page - NXP Semiconductors SSL5021BTS Datasheet HTML 10Page - NXP Semiconductors SSL5021BTS Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
SSL5021BTS
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2015. All rights reserved.
Product data sheet
Rev. 2 — 11 March 2015
7 of 20
NXP Semiconductors
SSL5021BTS
Compact low-ripple buck LED driver IC
8.5 Leading-Edge Blanking (LEB)
To prevent false detection of overcurrent, a blanking time following switch-on is
implemented. When the internal switch turns on, a short current spike can occur because
of the discharge capacitance of the MOSFET/bipolar (Q1) drain/collector node.
8.6 Protections
The IC incorporates the following protections:
• UnderVoltage LockOut (UVLO)
• Cycle-by-cycle OverCurrent Protection (OCP)
• Internal OverTemperature Protection (OTP)
• Cycle-by-cycle maximum on-time protection
• Output OverVoltage Protection
• Output Short Protection (OSP)
8.6.1 UnderVoltage LockOut (UVLO)
When voltage on VCC pin drops to below Vth(UVLO), the IC stops switching. An attempt is
made to restart IC when the voltage on the VCC pin > Vstartup.
8.6.2 Cycle-by-cycle OverCurrent Protection (OCP)
The SSL5021BTS incorporates a built-in peak current detector. It triggers when the
voltage at the ISNS pin reaches the peak level VI(max)ISNS. A resistor connected to ISNS
pin senses the current through inductor IL. The maximum current in inductor, IL(max)
equals:
(2)
Fig 6.
Start-up current waveform
I
Lmax

V
I
max
ISNS
R4
0.09
+
-----------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com