| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
OL2385 bảng dữ liệu(PDF) 40 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
OL2385 bảng dữ liệu(HTML) 40 Page - NXP Semiconductors |
|
40 / 85 page ![]() OL2385 All information provided in this document is subject to legal disclaimers. © NXP Semiconductors N.V. 2016. All rights reserved. Product data sheet COMPANY PUBLIC Rev. 1.0 — 15 June 2016 40 of 85 NXP Semiconductors OL2385 Industrial RF transceiver 9.6.13 Analog-to-digital converter (ADC) The ADC is a 10 bit successive approximation analog to digital converter using charge redistribution techniques to achieve very low power consumption but also a high data conversion rate. Features: • 10 bit A-D conversion • Selection between four input channels • Selection between four reference voltages • Power efficient and area saving switched capacitor charge tank • Typical A-D conversion time of 37 µs • Dynamic range up to the maximal supply level VDD_DIG • Ratiometric measurement possible • End-of-conversion and Data overflow flagging • Interrupt generation for End-of-conversion The ADC is configured and the resulting data can be read out via bit fields. It does not include multiple data buffering. Thus if previous conversion data was not read when a subsequent conversion is finished previous data will be overwritten which is flagged with an overflow flag. |