| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
CDCM1802RGTR bảng dữ liệu(PDF) 16 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
CDCM1802RGTR bảng dữ liệu(HTML) 16 Page - Texas Instruments |
|
16 / 22 page ![]() CDCM1802 CLOCK BUFFER WITH PROGRAMMABLE DIVIDER, LVPECL I/O + ADDITIONAL LVCMOS OUTPUT SCAS759 − APRIL 2004 16 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 APPLICATION INFORMATION High-Z EN IN Y:/1 Undefined Low High-Z Y:/2 Undefined Low High-Z Y:/4 Undefined Low 1 µs Signal State After the Device is Enabled (IN = Low) High-Z EN IN Y:/1 Undefined Low High-Z Y:/2 Undefined Low High-Z Y:/4 Undefined Low 1 µs Signal State After the Device is Enabled (IN = High) Undivided State is Valid After the First Positive Transition of the Input Clock Figure 16. Waveforms |