| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LR9273BG-AD-S08-R bảng dữ liệu(PDF) 6 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
LR9273BG-AD-S08-R bảng dữ liệu(HTML) 6 Page - Unisonic Technologies |
|
6 / 9 page ![]() LR9273 Preliminary CMOS IC UNISONICTECHNOLOGIESCO.,LTD 6 of 9 www.unisonic.com.tw QW-R502-A30.c ELECTRICAL CHARACTERISTICS LR9273B/D-xx (Adjustable Output Voltage Type) PARAMETER SYMBOL TEST CONDITIONS MIN TYP MAX UNIT Input Voltage VIN 1.4 6.0 V Supply Current ISS VOUT=VADJ, VIN=2.0, VCE=VIN 60 100 µA Standby Current Istandby VIN=6.0V, VCE=0V 0.1 1.0 µA Reference Voltage for Adjustable Voltage Regulator VOUT VOUT=VADJ, VIN=2.0V, IOUT=100mA 1.176 1.200 1.224 V Output Voltage Range RVOUT 1.0 VIN V VIN=1.4V, 1mA≤IOUT≤300mA -15 -2 15 mV Load Regulation OUT OUT ∆I ∆V VIN=1.7V, 1mA≤IOUT≤1A -3 mV IOUT=300mA 0.70 V Dropout Voltage VDIF VOUT=VADJ IOUT=1A 0.56 V Line Regulation IN OUT ∆V ∆V VOUT=VADJ, IOUT=100mA, 1.5V≤VIN ≤6.0V 0.05 0.20 %/V Ripple Rejection RR f=1kHz Ripple 0.5Vp-p, VOUT=VADJ, VIN=2.5V, IOUT=100mA 70 dB Output Voltage Temperature Coefficient OPT OUT ∆T ∆V IOUT=100mA, -40°С≤TOPT≤85°С ±100 ppm/°С Output Current ILIM VOUT=VADJ, VIN=2.0 1 A Short Current Limit ISC VOUT=VADJ=0V 250 mA Pull-Down Resistance for CE PIn RPD 5.0 MΩ High VCEH 1.2 6.0 V CE Input Voltage Low VCEL 0 0.4 V Thermal Shutdown Detector Threshold Temperature TTSD Junction temperature 150 °С |