| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
UCV676L-50-TN4-R bảng dữ liệu(PDF) 6 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
UCV676L-50-TN4-R bảng dữ liệu(HTML) 6 Page - Unisonic Technologies |
|
6 / 10 page ![]() UCV676/A LINEAR INTEGRATED CIRCUIT UNISONICTECHNOLOGIESCO.,LTD 6 of 10 www.unisonic.com.tw QW-R102-051.F ELECTRICAL CHARACTERISTICS (Cont.) For UCV676/A-3.3 UCV676 UCV676A PARAMETER SYMBOL TEST CONDITIONS MIN TYP MAX MIN TYP MAX UNIT OUTPUT 5.0mA<IOUT<400mA, 4.5V<VIN<28V 3.168 3.3 3.432 3.234 3.3 3.366 V Output Voltage VOUT 5.0mA<IOUT<200mA, 4.5V<VIN<40V 3.168 3.3 3.432 3.234 3.3 3.366 V Output Current Limitation IOUT VOUT=90% VOUT(TYP) 400 700 1100 400 700 1100 mA Quiescent Current (Sleep Mode) Iq Iq=II-IOUT, VINH=0V 10 10 μA IOUT=1.0mA 130 220 130 200 μA IOUT=250mA 10 15 10 15 mA Quiescent Current Iq Iq=II - IOUT IOUT=400mA 25 35 25 35 mA Dropout Voltage VDR VIN=4.5V, IOUT=250mA, VDR=VIN-VOUT 1332 250 500 mV Load Regulation ∆VOUT IOUT= 5.0mA~400mA 10 35 3.0 20 mV Line Regulation ∆VOUT ∆VIN=12V~32V, IOUT=5.0mA 2.5 25 4.0 25 mV Power Supply Ripple Rejection PSRR fr=100Hz, Vr= 0.5VRMS 60 70 dB Temperature coefficient of VOUT ∆VOUT/∆T 0.5 0.5 mV/K INHIBIT Inhibit Voltage, Output High VINH VOUT≥VOUT(MIN) 2.8 3.5 2.3 2.8 V Inhibit Voltage, Output Low (Off) VINH VOUT≤0.1V 0.5 1.7 1.8 2.2 V Input Current IINH VINH=5.0V 5.0 10 20 5.0 10 20 μA THERMAL SHUTDOWN Thermal Shutdown Temperature (Note 2) TSD IOUT=5.0mA 150 210 150 210 °C |