| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LR9273DG-35-S08-R bảng dữ liệu(PDF) 9 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
LR9273DG-35-S08-R bảng dữ liệu(HTML) 9 Page - Unisonic Technologies |
|
9 / 9 page ![]() LR9273 Preliminary CMOS IC UNISONICTECHNOLOGIESCO.,LTD 9 of 9 www.unisonic.com.tw QW-R502-A30.c TYPICAL APPLICATION CIRCUIT(Cont.) The Output Voltage may be adjustable for any output voltage between its 1.0V reference and its VDD setting level. An external pair of resistors is required, as shown above. The complete equation for the output voltage is described step by step as follows; I2=IIC+I3 ………… (1) I3=1.0/R3 ………… (2) Thus, I2=IIC+1.0/R3 ………… (3) Therefore, VOUT=1.0+R2×I2 ………… (4) Put Equation (3) into Equation (4), then VOUT=1.0+R2(IIC+1.0/R3) =1.0(1+R2/R3)+R2×IIC ………… (5) In 2nd term, or R2×IIC will produce an error in VOUT. In Equation (5), IIC=1.0/RIC ………… (6) R2×IIC=R2×1.0/RIC =1.0×R2/RIC ………… (7) For better accuracy, choosing R2(<<RIC) reduces this error. UTC assumes no responsibility for equipment failures that result from using products at values that exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other parameters) listed in products specifications of any and all UTC products described or contained herein. UTC products are not designed for use in life support appliances, devices or systems where malfunction of these products can be reasonably expected to result in personal injury. Reproduction in whole or in part is prohibited without the prior written consent of the copyright owner. UTC reserves the right to make changes to information published in this document, including without limitation specifications and product descriptions, at any time and without notice. This document supersedes and replaces all information supplied prior to the publication hereof. |