| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LR9273DG-33-S08-R bảng dữ liệu(PDF) 5 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
LR9273DG-33-S08-R bảng dữ liệu(HTML) 5 Page - Unisonic Technologies |
|
5 / 9 page ![]() LR9273 Preliminary CMOS IC UNISONICTECHNOLOGIESCO.,LTD 5 of 9 www.unisonic.com.tw QW-R502-A30.c ABSOLUTE MAXIMUM RATING PARAMETER SYMBOL RATINGS UNIT Input Voltage VIN 6.5 V Input Voltage (CE Pin) VCE 6.5 V Output Voltage VOUT VIN+0.3 V SOP-8 700 mW Power Dissipation SOT-89-5 PD 550 mW Operating Temperature TOPT -40 ~ +85 °С Storage Temperature TSTG -55 ~ +125 °С Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged. Absolute maximum ratings are stress ratings only and functional device operation is not implied. ELECTRICAL CHARACTERISTICS LR9273B/D-xx (Fixed Output Voltage Type) PARAMETER SYMBOL TEST CONDITIONS MIN TYP MAX UNIT Input Voltage VIN 6.0 V Supply Current ISS VIN−VOUT=1.0V, VCE=VIN, IOUT=0A 60 100 µA Standby Current Istandby VIN=6.0V, VCE=0V 0.1 1.0 µA VOUT>1.5V ×0.98 ×1.02 V Output Voltage VOUT VIN−VOUT=1.0V, IOUT=100mA VOUT≤1.5V -30 +30 mV VIN−VOUT=0.3V, 1mA≤IOUT≤300mA, If VOUT≤1.1V, then VIN=1.4V -15 -2 15 mV Load Regulation OUT OUT ∆I ∆V VIN−VOUT=0.3V, 1mA≤IOUT≤1A, If VOUT≤1.1V, then VIN=1.7V -3 mV I OUT=300mA, 2.8≤VOUT 0.15 V Dropout Voltage (TOPT=25°C) VDIF IOUT=1A, 2.8≤VOUT 0.45 V Line Regulation IN OUT ∆V ∆V IOUT=100mA, VOUT+0.5V≤VIN ≤6.0V, If VOUT≤0.9V, 1.4V≤VIN≤6.0V 0.05 0.20 %/V f=1kHz (VOUT≤4.0V) 70 dB Ripple Rejection RR f=1kHz (VOUT>4.0V) Ripple 0.5Vp-p,VIN−VOUT=1.0V, IOUT=100mA, If VOUT≤1.2V, VIN−VOUT=1.5V, IOUT=100mA 60 dB Output Voltage Temperature Coefficient OPT OUT ∆T ∆V IOUT=100mA, -40°С≤TOPT≤85°С ±100 ppm/°С Output Current ILIM VIN-VOUT=1.0V 1 A Short Current Limit ISC VOUT=0V 250 mA Pull-Down Resistance for CE PIn RPD 5.0 MΩ High VCEH 1.2 6.0 V CE Input Voltage Low VCEL 0 0.4 V Thermal Shutdown Detector Threshold Temperature TTSD Junction temperature 150 °С |