| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
UR3320L-TN3-D-R bảng dữ liệu(PDF) 3 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
UR3320L-TN3-D-R bảng dữ liệu(HTML) 3 Page - Unisonic Technologies |
|
3 / 6 page ![]() URXX20 LINEAR INTEGRATED CIRCUIT UNISONICTECHNOLOGIESCO.,LTD 3 of 6 www.unisonic.com.tw QW-R102-052. B ABSOLUTE MAXIMUM RATINGS (TA=25°C, unless otherwise specified.) PARAMETER SYMBOL RATINGS UNIT Input Voltage(Note1) VIN 20 V Output Current IOUT 2.0 A Power Dissipation PD 0.7 W Junction Temperature (Note2) TJ 150 °C Operating Temperature TOPR -40 ~ +85 °C Storage Temperature TSTG -40 ~ +150 °C Note 1: All are open except GND and applicable terminals. Note 2: Overheat protection may operate at 125≦TJ≦150C THERMAL CHARACTERISTICS PARAMETER SYMBOL RATING UNIT Junction to Ambient θJA 112 °C/W ELECTRICAL CHARACTERISTICS (Refer to the test circuits, unless otherwise specified, TA=25°C) For UR3320(3.3V) PARAMETER SYMBOL TEST CONDITIONS MIN TYP MAX UNIT Output Voltage VOUT VIN =5.3V, IOUT=1A 3.218 3.3 3.382 V Line Regulation ∆VOUT VIN =4.3~10.3V, IOUT=5mA 0.5 2.5 % Load Regulation ∆VOUT VIN =5.3V, IOUT=5mA~2.0A 0.5 2.0 % Temperature Coefficient of Output Voltage TCVO TJ=0~125°C, IOUT=5mA ±0.02 %/°C Ripple Rejection RR Refer to Fig.2 45 55 dB Dropout Voltage VD IOUT=2A (Note 1) 0.7 V Quiescent Current IQ IOUT=0A, VIN =5.3V 10 mA For UR1220(12V) PARAMETER SYMBOL TEST CONDITIONS MIN TYP MAX UNIT Output Voltage VOUT VIN =14V, IOUT=1A 11.7 12.0 12.3 V Line Regulation ∆VOUT VIN =13~19V, IOUT=5mA 0.5 2.5 % Load Regulation ∆VOUT VIN =14V, IOUT=5mA~2.0A 0.5 2.0 % Temperature Coefficient of Output Voltage TCVO TJ=0~125°C, IOUT=5mA ±0.02 %/°C Ripple Rejection RR Refer to Fig.2 45 55 dB Dropout Voltage VD IOUT=2A (Note 1) 0.7 V Quiescent Current IQ IOUT =0A, VIN =14V 10 mA Note: Input voltage shall be the value when output voltage is 95% in comparison with the initial value. |