| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LMV331 bảng dữ liệu(PDF) 13 Page - ON Semiconductor |
|
|
|||||||||||||||||||||||||||||
LMV331 bảng dữ liệu(HTML) 13 Page - ON Semiconductor |
|
13 / 20 page ![]() LMV331, NCV331, LMV393, LMV339 www.onsemi.com 13 ORDERING INFORMATION Order Number Number of Channels Specific Device Marking Package Type Shipping† LMV331SQ3T2G Single CCA SC−70 (Pb−Free) 3000 / Tape & Reel LMV331SN3T1G Single 3CA TSOP−5 (Pb−Free) 3000 / Tape & Reel NCV331SN3T1G Single 3CA TSOP−5 (Pb−Free) 3000 / Tape & Reel LMV393DMR2G Dual V393 Micro8 (Pb−Free) 4000 / Tape & Reel LMV393DR2G Dual V393 SOIC−8 (Pb−Free) 2500 / Tape & Reel LMV393MUTAG Dual CA UDFN8 (Pb−Free) 3000 / Tape & Reel LMV339DR2G Quad LMV339 SOIC−14 (Pb−Free) 2500 / Tape & Reel LMV339DTBR2G Quad LMV 339 TSSOP−14 (Pb−Free) 2500 / Tape & Reel †For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging Specifications Brochure, BRD8011/D. *Contact factory. |