| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TSS901EASC bảng dữ liệu(PDF) 2 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
TSS901EASC bảng dữ liệu(HTML) 2 Page - ATMEL Corporation |
|
2 / 31 page ![]() 2 TSS901E Rev. C – 24-Aug-01 Introduction The TSS901E provides an interface between a Data-Strobe link according to the IEEE Std 1355-1995 specification carrying the simple interprocessor communication proto- col (1) and a data processing node consisting of a CPU and communication and data memory. The TSS901E provides HW supported execution of the major parts of the sim- ple interprocessor communication protocol, particularly: • transfer of data between two modes of a multi-processor system with minimal host CPU intervention, • execution of simple commands to provide basic features for system control functions, • provision of fault tolerant features. However, with disabling of features such as the protocol handling or with reduction of the transmit rate (TSS901E automatically reduces transmit rate for sending null tokens) also low power usage is supported. Figure 1. TSS901E Block Diagram Target applications are heterogeneous multi-processor systems supported by scalable interfaces including the little/big endian swapping. The TSS901E connects modules with different processors (e.g. TSC21020F, ERC32, TSC695E and others). Any kind of net- work topology could be realized through the high speed point-to-point IEEE1355-links (see chapter Applications). 1. Rastetter P. et.al., Simple Interprocessor Communication Protocol Specification, DIP- SAPII-DAS-31-01, Issue 3, 08.10.96, also available on the same web site as the users guide. Receive Transmit DS macro cell Channel 2 RX1_DS TX1_DS RX2_DS TX2_DS Channel 1 JTAG COMI HOCI PRCI Test CADR CCTRL CDATA HADR HCTRL HDATA HINT RCPU SES UTIL Protocol Channel 3 RX3_DS TX3_DS |