| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TLP3111 bảng dữ liệu(PDF) 3 Page - Toshiba Semiconductor |
|
|
|||||||||||||||||||||||||||||
TLP3111 bảng dữ liệu(HTML) 3 Page - Toshiba Semiconductor |
|
3 / 5 page ![]() TLP3111 2002-09-25 3 Isolation Characteristics (Ta = 25°C) Characteristic Symbol Test Condition Min. Typ. Max. Unit Capacitance input to output CS VS = 0 V, f = 1 MHz — 0.8 — pF Isolation resistance RS VS = 500 V, R.H. ≤ 60% 5×10 10 10 14 — Ω AC, 1 minute 1500 — — AC, 1 second (in oil) — 3000 — Vrms Isolation voltage BVS DC, 1 minute (in oil) — 3000 — Vdc Switching Characteristics (Ta = 25°C) Characteristic Symbol Test Condition Min. Typ. Max. Unit Turn -on time tON — — 1 Turn -off time tOFF RL = 200 Ω (Note2) VDD = 20 V, IF = 10 mA — — 1 ms (Note2): Switching time test circuit 90% 10% IF VOUT tOFF tON 6 4 3 1 VDD IF RL VOUT |