| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
XM2S-E bảng dữ liệu(PDF) 9 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
XM2S-E bảng dữ liệu(HTML) 9 Page - Omron Electronics LLC |
|
9 / 14 page ![]() D-sub Connectors XM3/XM2S 9 Note: Jackscrews (thumbscrews) for the straight, non-ESD version of the XM2S hood are sold separately. See “Accessories” section of this datasheet. Ordering Information Straight hoods *Jackscrews(thumbscrews) for the straight hoods without ESD protection are sold separately. See XM2Z-007 @ (Anchor 5) in the Accessories section of this datasheet. Right-angle hoods *Jackscrews (thumbscrews) for the right-angle hoods are standard, supplied with the hoods. Straight hood with ESD Protection *Overmolded Jackscrews (thumbscrews) for the straight hoods with ESD protection are standard, supplied with the hoods. Note: 1. The cable bushing, cable clamp, shielded tape and assorted screws are supplied with all hoods 2. Lock screws are attached to the Hood. Select D-sub Connectors with Anchors or Grounding Fixtures that fit the lock screw of the hood. 3. Anchor 1 cannot be used with the 9 Contact Right-angle Hoods. 15 32.2 24.99 18.2 13 11 40.8 Max. applicable cable diameter: 9 dia. M2.6 × 0.45 9-contact Hood with Straight Connecting Cable and ESD Protection XM2S-0911-E (unit:mm) Lock screw M2.6 x 0.45 metric screws (No dot) M3 x 0.5 metric screws (1 dot) #4-40 UNC inch screws (2 dots) Applicable Anchors No. of contacts Anchor 1 XM2Z-0001 XM2Z-0002 XM2Z-0003 Anchor 2 XM2Z-0011 XM2Z-0012 XM2Z-0013 Anchor 3 XM2Z-0021 XM2Z-0022 XM2Z-0023 9 XM2S-0911 XM2S-0912 XM2S-0913 15 XM2S-1511 XM2S-1512 XM2S-1513 25 XM2S-2511 XM2S-2512 XM2S-2513 37 XM2S-3711 XM2S-3712 XM2S-3713 Lock screw M2.6 x 0.45 metric screws (No groove) M3 x 0.5 metric screws (1 groove) #4-40 UNC inch screws (2 groove) Applicable Anchors No. of contacts Anchor 1 (See Note 3) XM2Z-0001 XM2Z-0002 XM2Z-0003 Anchor 2 XM2Z-0011 XM2Z-0012 XM2Z-0013 Anchor 3 XM2Z-0021 XM2Z-0022 XM2Z-0023 9 XM2S-0921 XM2S-0922 XM2S-0923 25 XM2S-2521 XM2S-2522 XM2S-2523 Lock screw M2.6 x 0.45 metric screws (No groove) Applicable Anchors No. of contacts Anchor 1 XM2Z-0001 Anchor 2 XM2Z-0011 Anchor 3 XM2Z-0021 9 XM2S-0911-E |