| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
M7F-3P1RT bảng dữ liệu(PDF) 4 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
M7F-3P1RT bảng dữ liệu(HTML) 4 Page - Omron Electronics LLC |
|
4 / 16 page ![]() M7F 4 Specifications ■ Applicable EN Standards ■ Ratings Note: Use an NPN open collector for the output of the connection device. The data signal, however, is positive logic and the strobe signal is negative logic. ■ Characteristics Note: Impulse conditions: Rise time: 1 ns +10% max. Pulse width: 100 ns, 1 µs Frequency: 100 Hz Polarity: Positive or negative Cable: OMRON's G79-100C Standards EN61326 EN60529 UL61010-1 Rated power supply 12 to 24 VDC Allowable voltage fluctuation range 90% to 110% of rated voltage Current consumption 200 mA max. (at 12 VDC) 100 mA max. (at 24 VDC) Input level Static input Positive High: 9.6 V to power supply voltage Low: 0 to 3 V Negative High: 4 V to power supply voltage Low: 0 to 1.5 V Dynamic input Positive (See note.) High: 4 V to power supply voltage Low: 0 to 1.5 V Ambient temperature Operating: −10 to 55°C (with no icing or condensation) Storage: −25 to 65°C (with no icing or condensation) Ambient humidity Operating: 35% to 85% (with no icing or condensation) Insulation resistance 100 M Ω min. (at 500 VDC) between each terminal and mounting panel Dielectric strength 1,000 VAC, 50/60 Hz for 1 min between each terminal and mounting panel Noise immunity (See note.) Power terminal: ±500 V (normal mode) ±1,500 V (common mode) I/O cable: ±800 V (when the specified cable is used) Vibration resistance Destruction: 10 to 55 Hz, 1.5-mm double amplitude 10 sweeps of 5 min each in X, Y, and Z directions Shock resistance Malfunction: 300 m/s2 3 times each in 6 directions on X, Y, and Z axes Degree of protection IEC IP40 (front panel only) |