| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
THS10082 bảng dữ liệu(PDF) 17 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
THS10082 bảng dữ liệu(HTML) 17 Page - Texas Instruments |
|
17 / 34 page ![]() THS10082 SLAS254B – MAY 2002 – REVISED NOVEMBER 2002 www.ti.com 17 Sample N Channel 1 Sample N+1 Channel 1 Sample N+2 Channel 1 Sample N+3 Channel 1 Sample N+4 Channel 1 Sample N+5 Channel 1 Sample N+6 Channel 1 Sample N+7 Channel 1 Sample N+8 Channel 1 Data N–5 Channel 1 Data N–4 Channel 1 Data N–3 Channel 1 Data N–2 Channel 1 Data N–1 Channel 1 Data N Channel 1 Data N+1 Channel 1 Data N+2 Channel 1 Data N+3 Channel 1 td(A) tw(CONV_CLKH) tw(CONV_CLKL) tc td(O) td(DATA_AV) td(DATA_AV) AIN CONV_CLK Data Into FIFO DATA_AV, Trigger Level = 1 DATA_AV, Trigger Level = 4 td(pipe) 50% 50% Figure 27. Timing of Continuous Conversion Mode (1-channel operation) Figure 28 shows the timing of continuous conversion mode when two analog input channels are selected. The maximum throughput rate per channel is 4 MSPS in this mode. The data flow in the bottom of the figure shows the order the converted data is written into the FIFO. The timing of the DATA_AV signal shown here is for a trigger level set to 2 or 4. AIN CONV_CLK Data Into FIFO DATA_AV, Trigger Level = 2 DATA_AV, Trigger Level = 4 Data N–3 Channel 2 Data N–2 Channel 1 Data N–2 Channel 2 Data N–1 Channel 1 Data N–1 Channel 2 Data N Channel 1 Data N Channel 2 Data N+1 Channel 1 Data N+1 Channel 2 td(DATA_AV) tw(CONV_CLKH) tw(CONV_CLKL) td(A) Sample N Channel 1,2 Sample N+1 Channel 1,2 Sample N+2 Channel 1,2 Sample N+3 Channel 1,2 Sample N+4 Channel 1,2 tc td(O) td(Pipe) td(DATA_AV) 50% 50% Figure 28. Timing of Continuous Conversion Mode (2-Channel Operation) |