| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
NCS2200SQLT1G bảng dữ liệu(PDF) 2 Page - ON Semiconductor |
|
|
|||||||||||||||||||||||||||||
NCS2200SQLT1G bảng dữ liệu(HTML) 2 Page - ON Semiconductor |
|
2 / 18 page ![]() NCS2200, NCS2200A, NCS2202, NCS2202A www.onsemi.com 2 Table 1. COMPARATOR SELECTOR GUIDE Output Type Package Pinout Style Automotive Device Complementary Push−Pull UDFN, 1.2x1.0 N/A No NCS2200AMUT1G N/A Yes NCV2200AMUTBG* SOT−23−5 1 No NCS2200SN1T1G Yes NCV2200SN1T1G* 2 No NCS2200SN2T1G Yes NCV2200SN2T1G* SC70−5 2 No NCS2200SQ2T2G Yes NCV2200SQ2T2G* DFN, 2x2.2 N/A No NCS2200SQLT1G Open Drain SOT−23−5 1 No NCS2202SN1T1G 2 No NCS2202SN2T1G Yes NCV2202SN2T1G* SC70−5 1 No NCS2202SQ1T2G 2 No NCS2202SQ2T2G UDFN, 1.2 x 1.0 N/A No NCS2202AMUTBG *NCV Prefix for Automotive and Other Applications Requiring Unique Site and Control Change Requirements; AEC−Q100 Qualified and PPAP Capable. 1 3 VOUT IN− 2 VCC VEE 4 IN+ 5 6 NC PIN CONNECTIONS 1 Output VCC Non−Inverting Input 2 3 5 4 VEE Inverting Input 1 Output VEE Non−Inverting Input 2 3 5 4 VCC Inverting Input Figure 1. SOT−23−5 (NCS2200, NCS2202), SC70−5 (NCS2200, NCS2202) Style 1 Pinout (SN1T1) Style 2 Pinout (SN2T1, SQ2T2) - + - + Figure 2. DFN 2x2.2 (NCS2200) Top View 1 3 VOUT IN− 2 NC VEE 4 IN+ 5 6 VCC Figure 3. UDFN 1.2x1.0 (NCS2200A/NCS2202A) Top View |