| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PC87322VF bảng dữ liệu(PDF) 77 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
PC87322VF bảng dữ liệu(HTML) 77 Page - National Semiconductor (TI) |
|
77 / 84 page ![]() 100 Reference (Continued) 102 EXAMPLE FOUR DRIVE CIRCUIT USING THE PC87322VF Hex Buffers ICC e 40 mA TLC11870 – 48 open collector FIGURE 10-1 PC87322VF Four Floppy Drive Circuit TABLE 10-1 PC87322VF Four Floppy Drive Encoding MTR0 DR1 DR0 Result 0 0 0 DR0 and MTR0 Active 0 0 1 DR1 and MTR1 Active 0 1 0 DR2 and MTR2 Active 0 1 1 DR3 and MTR3 Active 1 0 0 DR0 Active and MTR0 Inactive 1 0 1 DR1 Active and MTR1 Inactive The equations shown in Figure 10-2 define the signals of the PC87322VF IDE pins A complete IDE interface using these pins is shown in Figure 10-3 Equations Comments HCS0 e A9 A8 A7 A6 A5 A4 A3 AEN Active at 1F0 – 1F7 HCS1 e A9 A8 A7 A6 A5 A4 A3 A2 A1 AEN Active at 3F6 3F7 IDELO e HCS0 (RD a WR) a HCS1 (WR A0) a RD Write 1F0 – 1F7 3F6 Read 1F0 – 1F7 3F6 3F7 IDEHI e IOCS16 HCS0 (RD a WR) Read or Write 1F0 – 1F7 in AT Mode IDED7 (read) e HCS0 RD a (HCS1 A0) RD Sources D7 during Read 1F0 – 1F7 and 3F6 IDED7 (write) e WR HCS0 a (HCS1 A0) D7 during Write 1F0 – 1F7 and 3F6 FIGURE 10-2 IDE Interface Signal Equations (Non-DMA) 77 |