công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

G6DN bảng dữ liệu(PDF) 1 Page - Omron Electronics LLC

tên linh kiện G6DN
Giải thích chi tiết về linh kiện  SPST Slim Power Relay for 5 A switching
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  OMRON [Omron Electronics LLC]
Trang chủ  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G6DN bảng dữ liệu(HTML) 1 Page - Omron Electronics LLC

  G6DN Datasheet HTML 1Page - Omron Electronics LLC G6DN Datasheet HTML 2Page - Omron Electronics LLC G6DN Datasheet HTML 3Page - Omron Electronics LLC G6DN Datasheet HTML 4Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
G
6
D
N
1
G6DN
PCB Power Relay
SPST Slim Power Relay for 5 A
switching
• Slim 5-mm width and miniature size. (20 × 5.08 × 12.5 mm)
• High switching capability 5 A (250 VAC and 30 VDC), and
high contact reliability by crossbar-twin contact.
• Low power consumption 110 mW.
• Meets application standards EN61010-1 and EN61010-2-201 for
reinforced insulation (CTI 600 V min. and Rated insulation
voltage 300 V).
• Actualize electrical durability 100 Kops (-L type)
■Model Number Legend
G6DN-
@@@-@
—— — —
123
4
■Application Examples
• Programmable Controller output
• Temperature Controller
• Building Automation
• Output of control system
■Ordering Information
■Ratings
●Coil
Note. The rated current and resistance are measured at a coil temperature of 23°C with a tolerance of ±10%.
* Operating voltage is less than 72% when the relay is sideways and the marking is right way.
●Contacts
* Au plating is applied to stationary contact.
1. Number of Poles
1: 1-pole
2. Contact Form
A: SPST-NO (1a)
3. Enclosure Rating
None: Fully sealed
4. Classification
None: Standard (E-LIFE 80 Kops)
L: High durability type (E-LIFE 100 Kops)
Classification
Contact form
Enclosure rating
Terminal shapes
Model
Minimum packing unit
Standard
SPST-NO (1a)
Fully sealed
PCB terminal
G6DN-1A
25 pcs/ tube
High durability
G6DN-1A-L
Classification
Rated voltage
Rated current
(mA)
Coil resistance
(
Ω)
Must operate voltage (V)
Must release voltage (V)
Max. voltage (V)
Power consumption
(mW)
% of rated voltage
Standard
4.5 VDC
24.4
184
70% max. *
5% min.
160%
Approx. 110
5 VDC
22.0
227
12 VDC
9.2
1,309
24 VDC
4.6
5,236
High durability
5 VDC
36.0
139
Approx. 180
12 VDC
15.0
800
24 VDC
7.5
3,200
Resistive load
Inductive load (cos
φ = 0.4, L/R = 7 ms)
Contact Type
Cross bar twin
Contact material
Ag-Alloy and Au plating *
Rated load
5 A at 250 VAC
5 A at 30 VDC
2 A at 250 VAC
2 A at 30 VDC
Rated carry current
5 A
Max. switching voltage
277 VAC, 125 VDC
Max. switching current
5 A
Note. When ordering, add the rated coil voltage to the model number.
Example: G6DN-1A DC5
However, the notation of the coil voltage on the product case as well as on the packaging will be marked as
@@ VDC.
Example: G6DN-1A 5VDC
Rated coil voltage


Số phần tương tự - G6DN

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Gulf Semiconductor
G6D GULFSEMI-G6D Datasheet
835Kb / 2P
MINIATURE GLASS PASSIVATED RECTIFIER VOLTAGE: 50 TO 1000V CURRENT: 1.0A
logo
Omron Electronics LLC
G6D OMRON-G6D Datasheet
164Kb / 4P
Slim, Miniature Relay, Capable of Relaying Programmable Controller and Temperature Controller Outputs
G6D-1A OMRON-G6D-1A Datasheet
125Kb / 4P
Power PCB Relay
G6D-1A OMRON-G6D-1A Datasheet
82Kb / 2P
Relay I/O Block Components Overview
G6D-1A-ASI OMRON-G6D-1A-ASI Datasheet
643Kb / 6P
Power PCB Relay
More results

Mô tả tương tự - G6DN

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Nais(Matsushita Electri...
PA1A-5V NAIS-PA1A-5V Datasheet
135Kb / 3P
THE SLIM POWER RELAY
ALA2F12 NAIS-ALA2F12 Datasheet
60Kb / 3P
2 Form A slim power relay
JK1APF-12V NAIS-JK1APF-12V Datasheet
54Kb / 3P
SLIM TYPE POWER RELAY
logo
Picker Components
PC563 PICKER-PC563 Datasheet
167Kb / 2P
Ultra Slim 5 Amp Relay
logo
Nais(Matsushita Electri...
APE1004H NAIS-APE1004H Datasheet
88Kb / 3P
THE SLIM POWER RELAY
ALD14H NAIS-ALD14H Datasheet
49Kb / 3P
1 Form A Slim Power Relay
logo
fujitsu semiconductor
FTR-JR FUJITSU-FTR-JR Datasheet
524Kb / 7P
POWER RELAY 1 POLE 16 A-SLIM POWER RELAY
logo
Panasonic Battery Group
PA PANASONICBATTERY-PA Datasheet
66Kb / 4P
1a 5A slim power relay for interface
logo
ZETTLER Electronics
AZ881 ZETTLER-AZ881 Datasheet
59Kb / 3P
8 A SPST / 5 A DPST POLARIZED SUBMINIATURE POWER RELAY MONOSTABLE OR LATCHING
logo
Omron Electronics LLC
G5NB-EL OMRON-G5NB-EL Datasheet
250Kb / 4P
A slim compact Relay with 7 A switching capacity
More results


Html Pages

1 2 3 4


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com