công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

M41ST95WMX6TR bảng dữ liệu(PDF) 8 Page - STMicroelectronics

tên linh kiện M41ST95WMX6TR
Giải thích chi tiết về linh kiện  5.0 or 3.0V, 512 bit (64 bit X 8) Serial RTC (SPI) SRAM and NVRAM Supervisor
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41ST95WMX6TR bảng dữ liệu(HTML) 8 Page - STMicroelectronics

Back Button M41ST95WMX6TR Datasheet HTML 4Page - STMicroelectronics M41ST95WMX6TR Datasheet HTML 5Page - STMicroelectronics M41ST95WMX6TR Datasheet HTML 6Page - STMicroelectronics M41ST95WMX6TR Datasheet HTML 7Page - STMicroelectronics M41ST95WMX6TR Datasheet HTML 8Page - STMicroelectronics M41ST95WMX6TR Datasheet HTML 9Page - STMicroelectronics M41ST95WMX6TR Datasheet HTML 10Page - STMicroelectronics M41ST95WMX6TR Datasheet HTML 11Page - STMicroelectronics M41ST95WMX6TR Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 35 page
background image
M41ST95Y*, M41ST95W
8/35
Figure 7. Hardware Hookup
Note: 1. CPOL (Clock Polarity) and CPHA (Clock Phase) are bits that may be set in the SPI Control Register of the MCU.
AI06372
Master
(ST6, ST7, ST9,
ST10, Others)
SPI Interface with
(CPOL, CPHA)(1) =
('0','0') or ('1','1')
D
Q
C
CS3
CS2
CS1
M41ST95Y/W
E
XXXXX
CQD
XXXXX
CQD
E
E
CQD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35