| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
1N2829A bảng dữ liệu(PDF) 2 Page - Microsemi Corporation |
|
|
|||||||||||||||||||||||||||||
1N2829A bảng dữ liệu(HTML) 2 Page - Microsemi Corporation |
|
2 / 4 page ![]() 50 Watt Zener Diodes SCOTTSD A L E DIVISION 1N2804 thru 1N2846B and 1N4557 thru 1N4564B *ELECTRICAL CHARACTERISTICS @ 25oC MAX. ZENER IMPEDANCE (Note 3) MAXIMUM LEAKAGE CURRENT** IR @ VR JEDEC TYPE NO. (Note 1) NOMINAL ZENER VOLTAGE VZ @ IZT (Note 2) Volts ZENER TEST CURRENT (IZT) mA ZZT @ IZT OHMS ZZK @ 5mA (IZK) OHMS MAX. DC ZENER CURRENT ( IZM @ 75 oC Case Temp. (Note 4) mA TYPICAL ZENER VOLTAGE Temp. Coeff. αVZ %/ oC µA V †1N4557B †1N4558B †1N4559B †1N4560B †1N4561B †1N4562B 1N4563B 1N4564B 3.9 4.3 4.7 5.1 5.6 6.2 6.8 7.5 3200 2900 2650 2450 2250 2000 1850 1650 0.16 0.16 0.12 0.12 0.12 0.14 0.16 0.24 400 500 600 650 900 1000 200 100 11,900 10,650 9,700 8,900 8,100 7,300 6,650 6,050 -0.046 -0.033 -0.015 +/-0.010 +0.03 +0.049 +0.053 +0.057 150 150 100 20 20 20 10 10 0.5 0.5 1 1 1 2 2 3 †1N2804B †1N2805B †1N2806B †1N2807B †1N2808B †1N2809B 6.8 7.5 8.2 9.1 10 11 1850 1700 1500 1370 1200 1100 0.2 0.3 0.4 0.5 0.6 0.8 70 70 70 70 80 80 7,400 6,600 5,800 5,300 4,800 4,300 .040 .045 .048 .050 .055 .060 150 100 50 25 25 10 4.5 5 5.4 6.1 6.7 8.4 †1N2810B †1N2811B 1N2812B †1N2813B †1N2814B 1N2815B 12 13 14 15 16 17 1000 960 890 830 780 740 1.0 1.1 1.2 1.4 1.6 1.8 80 80 80 80 80 80 4,000 3,700 3,400 3,100 2,950 2,750 .065 .065 .070 .070 .070 .075 10 10 10 10 10 10 9.1 9.9 10.6 11.4 12.2 13.0 †1N2816B 1N2817B †1N2818B †1N2819B †1N2820B 1N2821B 18 19 20 22 24 25 700 660 630 570 520 500 2.0 2.2 2.4 2.5 2.6 2.7 80 80 80 80 80 90 2,550 2,450 2,350 2,100 1,950 1,850 .075 .075 .075 .080 .080 .080 10 10 10 10 10 10 13.7 14.4 15.2 16.7 18.2 19 †1N2822B †1N2823B †1N2824B †1N2825B †1N2826B †1N2827B 27 30 33 36 39 43 460 420 380 350 320 290 2.8 3.0 3.2 3.5 4.0 4.5 90 90 90 90 90 90 1,650 1,550 1,450 1,300 1,175 1,075 .085 .085 .085 .085 .090 .090 10 10 10 10 10 10 20.6 22.8 25.1 27.4 29.7 32.7 1N2828B †1N2829B 1N2830B †1N2831B †1N2832B †1N2833B 45 47 50 51 56 62 280 270 250 245 220 200 4.5 5.0 5.0 5.2 6 7 100 100 100 100 110 120 1,030 980 935 925 825 735 .090 .090 .090 .090 .090 .090 10 10 10 10 10 10 34.2 35.8 38 38.8 42.6 47.1 †1N2834B †1N2835B †1N2836B †1N2837B †1N2838B 1N2839B 68 75 82 91 100 105 180 170 150 140 120 120 8 9 11 15 20 25 140 150 160 180 200 210 670 600 550 470 450 430 .090 .090 .090 .090 .090 .095 10 10 10 10 10 10 51.7 56 62.2 69.2 76 79.8 †1N2840B †1N2841B †1N2842B †1N2843B †1N2844B †1N2845B †1N2846B 110 120 130 150 160 180 200 110 100 95 85 80 68 65 30 40 50 75 80 90 100 220 240 275 400 450 525 600 410 375 345 300 285 250 220 .095 .095 .095 .095 .095 .095 .100 10 10 10 10 10 10 10 83.6 91.2 98.8 114.0 121.6 136.8 152.0 *JEDEC Registered Data. **Not JEDEC Data. †Have JAN, JANTX and JANTXV Qualifications to MIL-S-19500/114. S ee further notes on following page Microsemi Scottsdale Division 8700 E. Thomas Rd. PO Box 1390, Scottsdale, AZ 85252 USA, (480) 941-6300, Fax: (480) 947-1503 Page 2 Copyright 2003 11-12-2003 REV A |