công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

EN29F08070T bảng dữ liệu(PDF) 15 Page - List of Unclassifed Manufacturers

tên linh kiện EN29F08070T
Giải thích chi tiết về linh kiện  8 Megabit (1024K x 8-bit) Flash Memory
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ETC [List of Unclassifed Manufacturers]
Trang chủ  
Logo ETC - List of Unclassifed Manufacturers

EN29F08070T bảng dữ liệu(HTML) 15 Page - List of Unclassifed Manufacturers

Back Button EN29F08070T Datasheet HTML 11Page - List of Unclassifed Manufacturers EN29F08070T Datasheet HTML 12Page - List of Unclassifed Manufacturers EN29F08070T Datasheet HTML 13Page - List of Unclassifed Manufacturers EN29F08070T Datasheet HTML 14Page - List of Unclassifed Manufacturers EN29F08070T Datasheet HTML 15Page - List of Unclassifed Manufacturers EN29F08070T Datasheet HTML 16Page - List of Unclassifed Manufacturers EN29F08070T Datasheet HTML 17Page - List of Unclassifed Manufacturers EN29F08070T Datasheet HTML 18Page - List of Unclassifed Manufacturers EN29F08070T Datasheet HTML 19Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 37 page
background image
4800 Great America Parkway, Suite 202
Tel: 408-235-8680
Santa Clara, CA 95054
Fax: 408-235-8685
15
EN29F080
Rev. C, Issue Date: 2001/07/05
Table 6. Status Register Bits
DQ
Name
Logic Level
Definition
‘1’
Erase Complete or
erase Sector in Erase
suspend
‘0’
Erase On-Going
DQ7
Program Complete or
data of non-erase Sector
during Erase Suspend
7
DATA
POLLING
DQ7
Program On-Going
‘-1-0-1-0-1-0-1-’
Erase or Program On-going
DQ6
Read during Erase Suspend
6
TOGGLE
BIT
‘-1-1-1-1-1-1-1-‘
Erase Complete
‘1’
Program or Erase Error
5
ERROR BIT
‘0’
Program or Erase On-going
‘1’
Erase operation start
3
ERASE
TIME BIT
‘0’
Erase timeout period on-going
‘-1-0-1-0-1-0-1-’
Chip Erase, Erase or Erase
suspend on currently
addressed
Sector. (When DQ5=1, Erase
Error due to currently
addressed Sector. Program
during Erase Suspend on-
going at current address
2
TOGGLE
BIT
DQ2
Erase Suspend read on
non Erase Suspend Sector
Notes:
DQ7
DATA Polling: indicates the P/E C status check during Program or Erase, and on completion before checking bits
DQ5 for Program or Erase Success.
DQ6 Toggle Bit: remains at constant level when P/E C operations are complete or erase suspend is acknowledged.
Successive reads output complementary data on DQ6 while programming or Erase operation are on-going.
DQ5 Error Bit: set to “1’ if failure in programming or erase
DQ3 Sector Erase Command Time out Bit: Operation has started. Only possible command is Erase suspend (ES).
DQ2 Toggle Bit: indicates the Erase status and allows identification of the erased Sector.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com