| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LR1106G-15-S08-B-R bảng dữ liệu(PDF) 6 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
LR1106G-15-S08-B-R bảng dữ liệu(HTML) 6 Page - Unisonic Technologies |
|
6 / 17 page ![]() LR1106 CMOS IC UNISONICTECHNOLOGIESCO.,LTD 6 of 17 www.unisonic.com.tw QW-R502-055.AA ELECTRICAL CHARACTERISTICS(Cont.) For LR1106-28 PARAMETER SYMBOL TEST CONDITIONS MIN TYP MAX UNIT Output Voltage VOUT VIN=3.8V, IOUT=40mA 2.744 2.800 2.856 V Input Voltage VIN 8 V Load Regulation ∆VOUT VIN=3.8V, 1mA≤IOUT≤200mA 40 100 mV VD1 IOUT=100mA 170 250 Dropout Voltage VD2 IOUT=200mA 320 500 mV Maximum Output Current IOUT(MAX) VIN=3.8V, VOUT≥VOUT× 0.93 400 mA Supply Current ISS VIN=3.8V, VEN=VIN 30.0 50.0 μA IEH VEN=VIN 0.1 μA EN Input Bias Current IEL VEN=0, VIN=3.8V to 8V 1.0 3.0 μA VEH VIN=3.8V to 8V VIN/2+0.8 VIN V EN Input Threshold VEL VIN=3.8V to 8V 0 0.4 V Line Regulation △ VOUT △ VIN×VOUT IOUT=40mA, 3.8V≤VIN≤8.0V 0.2 0.5 %/V Output Voltage Temperature Characteristics △ VOUT △ TOPR×VOUT IOUT=40mA ± 100 ppm/°С For LR1106-2J(2.85V) PARAMETER SYMBOL TEST CONDITIONS MIN TYP MAX UNIT Output Voltage VOUT VIN=3.85V, IOUT=40mA 2.793 2.850 2.907 V Input Voltage VIN 8 V Load Regulation Δ VOUT VIN=3.85V, 1mA≤IOUT≤200mA 40 100 mV VD1 IOUT=100mA 170 250 Dropout Voltage VD2 IOUT=200mA 250 500 mV Maximum Output Current IOUT(MAX) VIN=3.85V, VOUT≥VOUT× 0.93 400 mA Supply Current ISS VIN=3.85V, VEN=VIN 30.0 50.0 μA IEH VEN=VIN 0.1 μA EN Input Bias Current IEL VEN=0, VIN=3.85 to 8V 1.0 3.0 μA VEH VIN=3.85V to 8V VIN/2+0.8 VIN V EN Input Threshold VEL VIN=3.85V to 8V 0 0.4 V Line Regulation △ VOUT △ VIN×VOUT IOUT=40mA, 3.85V≤VIN≤8.0V 0.2 0.5 %/V Output Voltage Temperature Characteristics △ VOUT △ TOPR×VOUT IOUT=40mA ±100 ppm/°С For LR1106-30 PARAMETER SYMBOL TEST CONDITIONS MIN TYP MAX UNIT Output Voltage VOUT VIN=4.0V, IOUT=40mA 2.940 3.000 3.060 V Input Voltage VIN 8 V Load Regulation ∆VOUT VIN=4.0V, 1mA≤IOUT≤200mA 40 100 mV VD1 IOUT=100mA 150 220 Dropout Voltage VD2 IOUT=200mA 300 420 mV Maximum Output Current IOUT(MAX) VIN=4.0V, VOUT≥VOUT× 0.96 400 mA Supply Current ISS VIN=4.0V, VEN=VIN 30.0 50.0 μA IEH VEN=VIN 0.1 μA EN Input Bias Current IEL VEN=0, VIN=4.0V to 8V 1.0 3.0 μA VEH VIN=4.0V to 8V VIN/2+0.8 VIN V EN Input Threshold VEL VIN=4.0V to 8V 0 0.4 V Line Regulation △ VOUT △ VIN×VOUT IOUT=40mA, 4V≤VIN≤8.0V 0.2 0.5 %/V Output Voltage Temperature Characteristics △ VOUT △ TOPR×VOUT IOUT=40mA ±100 ppm/°С |