công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

R1MX55G-18-SH2-R bảng dữ liệu(PDF) 8 Page - Unisonic Technologies

tên linh kiện R1MX55G-18-SH2-R
Giải thích chi tiết về linh kiện  VOLTAGE REGULATOR
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  UTC [Unisonic Technologies]
Trang chủ  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

R1MX55G-18-SH2-R bảng dữ liệu(HTML) 8 Page - Unisonic Technologies

  R1MX55G-18-SH2-R Datasheet HTML 1Page - Unisonic Technologies R1MX55G-18-SH2-R Datasheet HTML 2Page - Unisonic Technologies R1MX55G-18-SH2-R Datasheet HTML 3Page - Unisonic Technologies R1MX55G-18-SH2-R Datasheet HTML 4Page - Unisonic Technologies R1MX55G-18-SH2-R Datasheet HTML 5Page - Unisonic Technologies R1MX55G-18-SH2-R Datasheet HTML 6Page - Unisonic Technologies R1MX55G-18-SH2-R Datasheet HTML 7Page - Unisonic Technologies R1MX55G-18-SH2-R Datasheet HTML 8Page - Unisonic Technologies R1MX55G-18-SH2-R Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
R1MX55
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
8 of 9
www.unisonic.com.tw
QW-R101-023.H
TYPICAL CHARACTERISTICS(FOR SOT-89-5)
Output Current, IOUT(mA)
50 100 150 200 250 300 350 400
0
0.05
0.10
0.15
0.20
0.25
Dropout Voltage vs.
Output Current (Typical Values)
10
-20
85
105
125
0
-30
Junction Temperature, TJ(°C)
-10
20
25
30
40
45
50
65
Output Voltage Deviation vs.
Junction Temperature (Typical Values)
450 500 550
-40
-50
TA=25℃, VC=1.8, VIN=Input voltage
when output voltage falls 0.1V from that
at VIN=VOUT(TYP)+1.0V, CI=CO=1u
(ceramic capacitor)
VIN=4.3V, VC=1.8V, IOUT=30mA,
CI=CO=1u (ceramic capacitor)
-15
5
-25
Time(µs)
Load Transient Response
0
-50
50
100
-100
50
500
0
100
200
300 400
500
600
700 800 900 1000
Time(µs)
Line Transient Response
0
-200
100
200
-100
0
1
0
100
200
300 400
500
600
700 800 900 1000
TA=25℃,VC=1.8V,
CI=CO=1u (ceramic capacitor)
TA=25℃,VIN=5V, VC=1.8V, IOL=50mA,
CI=CO=1u (ceramic capacitor)



Html Pages

1 2 3 4 5 6 7 8 9