công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

FT6264L-10LSILF bảng dữ liệu(PDF) 4 Page - Force Technologies Ltd

tên linh kiện FT6264L-10LSILF
Giải thích chi tiết về linh kiện  ULTRA HIGH SPEED 8K x 8 STATIC CMOS RAMS
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FORCE [Force Technologies Ltd]
Trang chủ   https://www.forcetechnologies.co.uk
Logo FORCE - Force Technologies Ltd

FT6264L-10LSILF bảng dữ liệu(HTML) 4 Page - Force Technologies Ltd

  FT6264L-10LSILF Datasheet HTML 1Page - Force Technologies Ltd FT6264L-10LSILF Datasheet HTML 2Page - Force Technologies Ltd FT6264L-10LSILF Datasheet HTML 3Page - Force Technologies Ltd FT6264L-10LSILF Datasheet HTML 4Page - Force Technologies Ltd FT6264L-10LSILF Datasheet HTML 5Page - Force Technologies Ltd FT6264L-10LSILF Datasheet HTML 6Page - Force Technologies Ltd FT6264L-10LSILF Datasheet HTML 7Page - Force Technologies Ltd FT6264L-10LSILF Datasheet HTML 8Page - Force Technologies Ltd FT6264L-10LSILF Datasheet HTML 9Page - Force Technologies Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
AC ELECTRICAL CHARACTERISTICS—READ CYCLE
(V
CC = 5V ± 10%, All Temperature Ranges)
(2)
Notes:
5. WE is HIGH for READ cycle.
6. CE
1 is LOW, CE 2 is HIGH and OE is LOW for READ cycle.
7. ADDRESS must be valid prior to, or coincident with CE
1 transition
LOW and CE
2 transition HIGH.
8. Transition is measured ± 200 mV from steady state voltage prior to
change, with loading as specified in Figure 1. This parameter is
sampled and not 100% tested.
TIMING WAVEFORM OF READ CYCLE NO. 1 (
OE
OE
OE
OE
OE CONTROLLED)(5)
Min Max Min Max Min Max Min Max Min Max Min Max Min Max Min Max Min Max Min Max
tRC
Read Cycle
Time
8
1012152025
35
4570
100
ns
tAA
Address
Access Time
8
10
12
152025354570
100 ns
tAC
Chip Enable
Access Time
8
10
12
152025354570
100 ns
tOH
Output Hold
from Address
Change
333333333
3
ns
tLZ
Chip Enable to
Output in Low Z 222222222
2
ns
tHZ
Chip Disable
to Output in
High Z
5678
8
10
15
20
35
45 ns
tOE
Output Enable
Low to Data
Valid
5679
10
13
18
20
35
45 ns
tOLZ
Output Enable
Low to Low Z
222222222
2
ns
tOHZ
Output Enable
High to High Z
5679
9
12
15
20
35
45 ns
tPU
Chip Enable to
Power Up
Time
000000000
0
ns
tPD
Chip Disable
to Power Down
Time
8
10
12
15202020253545 ns
Symbol
Parameter
-8
-10
-12
-15
-20
-25
Unit
-35
-45
-70
-100
Rev 1.8
4/17
2012



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com