công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

FT6264L-8LSILF bảng dữ liệu(PDF) 7 Page - Force Technologies Ltd

tên linh kiện FT6264L-8LSILF
Giải thích chi tiết về linh kiện  ULTRA HIGH SPEED 8K x 8 STATIC CMOS RAMS
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FORCE [Force Technologies Ltd]
Trang chủ   https://www.forcetechnologies.co.uk
Logo FORCE - Force Technologies Ltd

FT6264L-8LSILF bảng dữ liệu(HTML) 7 Page - Force Technologies Ltd

Back Button FT6264L-8LSILF Datasheet HTML 3Page - Force Technologies Ltd FT6264L-8LSILF Datasheet HTML 4Page - Force Technologies Ltd FT6264L-8LSILF Datasheet HTML 5Page - Force Technologies Ltd FT6264L-8LSILF Datasheet HTML 6Page - Force Technologies Ltd FT6264L-8LSILF Datasheet HTML 7Page - Force Technologies Ltd FT6264L-8LSILF Datasheet HTML 8Page - Force Technologies Ltd FT6264L-8LSILF Datasheet HTML 9Page - Force Technologies Ltd FT6264L-8LSILF Datasheet HTML 10Page - Force Technologies Ltd FT6264L-8LSILF Datasheet HTML 11Page - Force Technologies Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
Mode
CE
CE
CE
CE
CE
1
CE
2
OE
OE
OE
OE
OE
WE
WE
WE
WE
WE
I/O
Power
Standby
H
X
X
X
High Z Standby
Standby
X
L
X
X
High Z Standby
D
OUT
Disabled
L
H
H
H
High Z Active
Read
L
H
L
H
D
OUT
Active
Write
L
H
X
L
High Z Active
AC TEST CONDITIONS
Input Pulse Levels
GND to 3.0V
Input Rise and Fall Times
3ns
Input Timing Reference Level
1.5V
Output Timing Reference Level
1.5V
Output Load
See Figures 1 and 2
TRUTH TABLE
Figure 1. Output Load
Figure 2. Thevenin Equivalent
* including scope and test fixture.
Note:
Because of the high speed of the FT6264/L, care must be taken when
testing this device; an inadequate setup can cause a normal functioning
part to be rejected as faulty. Long high-inductance leads that cause
supply bounce must be avoided by bringing the V
CC and ground planes
directly up to the contactor fingers. A 0.01 µF high frequency capacitor
is also required between V
CC and ground. To avoid signal reflections,
proper termination must be used; for example, a 50Ω test environment
should be terminated into a 50Ω load with 1.73V (Thevenin Voltage) at
the comparator input, and a 116Ω resistor must be used in series with
D
OUT to match 166 Ω (Thevenin Resistance).
LCC (L5)
"LS" - SPECIAL PIN-OUT
LCC PIN CONFIGURATIONS
LCC (L6)
LCC (L5)
"L" - STANDARD PIN-OUT
Rev 1.8
7/17
2012



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com