công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

FT6264L-15CILF bảng dữ liệu(PDF) 2 Page - Force Technologies Ltd

tên linh kiện FT6264L-15CILF
Giải thích chi tiết về linh kiện  ULTRA HIGH SPEED 8K x 8 STATIC CMOS RAMS
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FORCE [Force Technologies Ltd]
Trang chủ   https://www.forcetechnologies.co.uk
Logo FORCE - Force Technologies Ltd

FT6264L-15CILF bảng dữ liệu(HTML) 2 Page - Force Technologies Ltd

  FT6264L-15CILF Datasheet HTML 1Page - Force Technologies Ltd FT6264L-15CILF Datasheet HTML 2Page - Force Technologies Ltd FT6264L-15CILF Datasheet HTML 3Page - Force Technologies Ltd FT6264L-15CILF Datasheet HTML 4Page - Force Technologies Ltd FT6264L-15CILF Datasheet HTML 5Page - Force Technologies Ltd FT6264L-15CILF Datasheet HTML 6Page - Force Technologies Ltd FT6264L-15CILF Datasheet HTML 7Page - Force Technologies Ltd FT6264L-15CILF Datasheet HTML 8Page - Force Technologies Ltd FT6264L-15CILF Datasheet HTML 9Page - Force Technologies Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
MAXIMUM RATINGS(1)
Symbol
Parameter
Value
Unit
V
CC
Power Supply Pin with
–0.5 to +7
V
Respect to GND
Terminal Voltage with
–0.5 to
V
TERM
Respect to GND
V
CC +0.5
V
(up to 7.0V)
T
A
Operating Temperature –55 to +125 °C
Symbol
Parameter
Value
Unit
T
BIAS
Temperature Under
–55 to +125
°C
Bias
T
STG
Storage Temperature
–65 to +150
°C
P
T
Power Dissipation
1.0
W
I
OUT
DC Output Current
50
mA
RECOMMENDED OPERATING
TEMPERATURE AND SUPPLY VOLTAGE
I
SB
Standby Power Supply
Current (TTL Input Levels)
CE
1 ≥ V
IH or
Mil.
CE
2 ≤VIL,
Ind./Com’l.
V
CC= Max,
f = Max., Outputs Open
___
___
40
30
___
___
___
___
25
15
40
n/a
1
n/a
mA
mA
___
___
CE
1 ≥ V
HC or
Mil.
CE
2 ≤VLC,
Ind./Com’l.
V
CC= Max,
f = 0, Outputs Open
V
IN ≤ VLC or VIN ≥ VHC
Standby Power Supply
Current
(CMOS Input Levels)
I
SB1
Grade(2)
Ambient
Temperature
GND
V
CC
0V
0V
5.0V ± 10%
5.0V ± 10%
0V
5.0V ± 10%
–55°C to +125°C
Military
Symbol
C
IN
C
OUT
Parameter
Input Capacitance
Output Capacitance
Conditions
V
IN = 0V
V
OUT = 0V
5
7
Unit
pF
pF
CAPACITANCES(4)
V
CC = 5.0V, TA = 25°C, f = 1.0MHz
Symbol
DC ELECTRICAL CHARACTERISTICS
Over recommended operating temperature and supply voltage(2)
V
IH
V
IL
V
HC
V
LC
V
CD
V
OL
V
OH
I
LI
I
LO
Parameter
Input High Voltage
Input Low Voltage
CMOS Input High Voltage
CMOS Input Low Voltage
Input Clamp Diode Voltage
Output Low Voltage
(TTL Load)
Output High Voltage
(TTL Load)
Input Leakage Current
Output Leakage Current
Test Conditions
V
CC = Min., IIN = –18 mA
I
OL = +8 mA, VCC = Min.
I
OH = –4 mA, VCC = Min.
V
CC = Max.
Mil.
V
IN = GND to VCC
Ind./Com’l.
V
CC = Max., CE = VIH,
Mil.
V
OUT = GND to VCC
Ind./Com’l.
FT6264
Min
2.2
–0.5(3)
V
CC –0.2
–0.5(3)
2.4
–10
–5
–10
–5
Max
V
CC +0.5
0.8
V
CC +0.5
0.2
–1.2
0.4
+10
+5
+10
+5
FT6264L
Min
Max
2.2
–0.5(3)
V
CC –0.2
–0.5(3)
2.4
–5
n/a
–5
n/a
V
CC +0.5
0.8
V
CC +0.5
0.2
0.4
–1.2
+5
n/a
+5
n/a
Unit
V
V
V
V
V
V
V
µA
µA
Notes:
1. Stresses greater than those listed under MAXIMUM RATINGS may
cause permanent damage to the device. This is a stress rating only
and functional operation of the device at these or any other conditions
above those indicated in the operational sections of this specification
is not implied. Exposure to MAXIMUMrating conditions for extended
periods may affect reliability.
2. Extended temperature operation guaranteed with 400 linear feet per
minute of air flow.
3. Transient inputs with V
IL and IIL not more negative than –3.0V and
–100mA, respectively, are permissible for pulse widths up to 20 ns.
4. This parameter is sampled and not 100% tested.
Typ.
Industrial
Commercial
–40°C to +85°C
0°C to +70°C
Rev 1.8
2/17
2012



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com