| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
RIF-3-RSC-LV-230AC bảng dữ liệu(PDF) 5 Page - PHOENIX CONTACT |
|
|
|||||||||||||||||||||||||||||
RIF-3-RSC-LV-230AC bảng dữ liệu(HTML) 5 Page - PHOENIX CONTACT |
|
5 / 6 page ![]() https://www.phoenixcontact.com/pi/products/2903298 07/23/2018 Page 5 / 6 Relay Module - RIF-3-RSC-LV-230AC/3X21 - 2903298 Articles in set Relay base - RIF-3-BSC/3X21 - 2900936 RIF-3... relay base, for octal relay with 3 changeover contacts, screw connection, plug-in option for input/interference suppression modules, for mounting on NS 35/7,5 Single relay - REL-OR3/L-230AC/3X21 - 2903696 Pluggable octal relay with power contacts, 3 PDT, test button, mechanical switching position indication, input voltage: 230 V AC Plug-in module - RIF-V-120-230 UC - 2900948 Plug-in module, for mounting on RIF-1, RIF-2, RIF-3, and RIF-4, with varistor, input voltage: 120 ... 230 V AC/DC ±20 % Retaining bracket - RIF-RH-3 - 2900955 Relay retaining bracket, with holder for marking material, suitable for RIF-3 relay base, for octal relay Approvals Approvals Approvals DNV GL / CSA / EAC Ex Approvals Approval details |