| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MAINSLINK-RX bảng dữ liệu(PDF) 2 Page - rfsolutions.ltd |
|
|
|||||||||||||||||||||||||||||
MAINSLINK-RX bảng dữ liệu(HTML) 2 Page - rfsolutions.ltd |
|
2 / 6 page ![]() MAINSLINK Patent Pending Cable Connections MAINSLINK is very easy to connect, simply wire as follows: MAINSLINK-TX - Transmitter: 1. Run a switched Live from your external device or switch to the MAINSLINK-TX Transmitter and connect into the screw terminal marked: L (Live) 2. Run a Neutral to the MAINSLINK-TX and connect to the terminal marked N (Neutral). AS SHOWN IN FIG 1.1 CABLE IN FIG 1.1 MAINSLINK System Operation Transmitter - MAINSLINK-TX NEUTRAL IN SWITCHED LIVE IN OFF LIVE IN SWITCHED LIVE OUT OFF NEUTRAL IN MAINSLINK-TX MAINSLINK-RX NEUTRAL IN SWITCHED LIVE IN ACTIVE LIVE IN SWITCHED LIVE OUT ACTIVE NEUTRAL IN MAINSLINK-TX MAINSLINK-RX Receiver - MAINSLINK-RX FIG 1.2 MAINSLINK-RX - Receiver: 1. Connect the Supply: LIVE, NEUTRAL and EARTH. Connect the Live to the screw terminal marked: LIVE then connect the NEUTRAL and EARTH respectively. 2. Connect the LOAD to the receiver and wire in as required. 3. In most applications the LOAD would be wired as shown in FIG 1.2 Important Notes: • All mains powered units must be earthed • Hardwired units must be connected via an isolating switch • See Safety information on page 5 before installing SWITCHED LIVE OUT CABLE IN S U P P L Y L O A D EARTH |