| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
RIF-1-RPT-LDP-24DC bảng dữ liệu(PDF) 4 Page - PHOENIX CONTACT |
|
|
|||||||||||||||||||||||||||||
RIF-1-RPT-LDP-24DC bảng dữ liệu(HTML) 4 Page - PHOENIX CONTACT |
|
4 / 5 page ![]() https://www.phoenixcontact.com/pi/products/2905289 07/23/2018 Page 4 / 5 Relay Module - RIF-1-RPT-LDP-24DC/1X21MS - 2905289 Diagram 20 10 5 2 1 0,5 0,2 0,1 10 20 30 50 70 100 200 300 400 500 Switching voltage [V] = AC, ohmic load = DC, ohmic load Interrupting rating Diagram 1 3 5 7 9 11 13 15 20 30 40 50 60 Ambient temperature [°C] DC coil AC coil Contact derating Diagram 0 1 4 8 12 16 10 7 10 6 10 5 10 4 2 3 5 6 7 11 9 10 15 14 13 Switching current [A] = 250 V AC, ohmic load Electrical service life Diagram COS j 1 0,9 0,3 0,4 0,5 0,6 0,7 0,8 0,9 1 0,8 0,7 0,6 0,5 0,4 0,3 0,2 Service life reduction factor Articles in set Relay base - RIF-1-BPT/2X21 - 2900931 RIF-1... relay base, for miniature power relay with 1 or 2 PDTs or solid-state relays of the same design, push-in connection, plug-in option for input/suppressor modules, for mounting on NS 35/7,5 Single relay - REL-MR- 24DC/21HC/MS - 2987888 Plug-in miniature relay, with power contact, 1 PDT, test button, mechanical switch position indicator, status LED, freewheeling diode, polarity A1+, A2-, input voltage 24 V DC |