công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SH7145F-ZTAT bảng dữ liệu(PDF) 49 Page - Renesas Technology Corp

tên linh kiện SH7145F-ZTAT
Giải thích chi tiết về linh kiện  Hitachi SuperH RISC engine
PDF  773 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7145F-ZTAT bảng dữ liệu(HTML) 49 Page - Renesas Technology Corp

Back Button SH7145F-ZTAT Datasheet HTML 45Page - Renesas Technology Corp SH7145F-ZTAT Datasheet HTML 46Page - Renesas Technology Corp SH7145F-ZTAT Datasheet HTML 47Page - Renesas Technology Corp SH7145F-ZTAT Datasheet HTML 48Page - Renesas Technology Corp SH7145F-ZTAT Datasheet HTML 49Page - Renesas Technology Corp SH7145F-ZTAT Datasheet HTML 50Page - Renesas Technology Corp SH7145F-ZTAT Datasheet HTML 51Page - Renesas Technology Corp SH7145F-ZTAT Datasheet HTML 52Page - Renesas Technology Corp SH7145F-ZTAT Datasheet HTML 53Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 773 page
background image
Rev. 2.0, 09/02, page 9 of 732
Type
Symbol
I/O
Name
Function
WRH
Output
Write
upper half
Shows writing into the upper 8 bits (bits 15
to 8) of the external data.
WRL
Output
Write lower
half
Shows writing into the lower 8 bits (bit7 to
bit0) of the external data.
Bus control
WAIT
Input
Wait
Inserts the wait cycles into the bus cycle
when accessing the external spaces.
DREQ0
DREQ1
Input
DMA transfer
request
DMA request input pins from an external
device.
DRAK0
DRAK1
Output
DREQ request
acknowledge
Outputs an acknowledge signal to the
external device that has input a DMA
transfer request signal.
Direct
memory
access
controller
(DMAC)
DACK0
DACK1
Output
DMA transfer
strobe
Outputs a strobe to the I/O of the external
device that has input a DMA transfer
request signal.
TCLKA
TCLKB
TCLKC
TCLKD
Input
External clock
input for MTU
timer
These pins input an external clock.
TIOC0A
TIOC0B
TIOC0C
TIOC0D
Input/
Output
MTU input
capture/output
compare
(channel 0)
The TGRA_0 to TGRD_0 input capture
input/output compare output/PWM output
pins.
TIOC1A
TIOC1B
Input/
Output
MTU input
capture/output
compare
(channel 1)
The TGRA_1 to TGRB_1 input capture
input/output compare output/PWM output
pins.
TIOC2A
TIOC2B
Input/
Output
MTU input
capture/output
compare
(channel 2)
The TGRA_2 to TGRB_2 input capture
input/output compare output/PWM output
pins.
TIOC3A
TIOC3B
TIOC3C
TIOC3D
Input/
Output
MTU input
capture/output
compare
(channel 3)
The TGRA_3 to TGRD_3 input capture
input/output compare output/PWM output
pins.
Multi function
timer-pulse
unit (MTU)
TIOC4A
TIOC4B
TIOC4C
TIOC4D
Input/
Output
MTU input
capture/output
compare
(channel 4)
The TGRA_4 to TGRB_4 input capture
input/output compare output/PWM output
pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com