công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ZL2103ALAFT bảng dữ liệu(PDF) 1 Page - Renesas Technology Corp

tên linh kiện ZL2103ALAFT
Giải thích chi tiết về linh kiện  3A Digital-DC Synchronous Step-Down DC/DC Converter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZL2103ALAFT bảng dữ liệu(HTML) 1 Page - Renesas Technology Corp

  ZL2103ALAFT Datasheet HTML 1Page - Renesas Technology Corp ZL2103ALAFT Datasheet HTML 2Page - Renesas Technology Corp ZL2103ALAFT Datasheet HTML 3Page - Renesas Technology Corp ZL2103ALAFT Datasheet HTML 4Page - Renesas Technology Corp ZL2103ALAFT Datasheet HTML 5Page - Renesas Technology Corp ZL2103ALAFT Datasheet HTML 6Page - Renesas Technology Corp ZL2103ALAFT Datasheet HTML 7Page - Renesas Technology Corp ZL2103ALAFT Datasheet HTML 8Page - Renesas Technology Corp ZL2103ALAFT Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
FN6966 Rev 5.00
Page 1 of 28
May 3, 2011
FN6966
Rev 5.00
May 3, 2011
ZL2103
3A Digital-DC Synchronous Step-Down DC/DC Converter
DATASHEET
The ZL2103 is an innovative power conversion and
management IC that combines an integrated synchronous
step-down DC/DC converter with key power management
functions in a small package, resulting in a flexible and
integrated solution.
The ZL2103 can provide an output voltage from 0.54V to 5.5V
(with margin) from an input voltage between 4.5V and 14V.
Internal low rDS(ON) synchronous power MOSFETs enable the
ZL2103 to deliver continuous loads up to 3A with high
efficiency. An internal Schottky bootstrap diode reduces
discrete component count. The ZL2103 also supports phase
spreading to reduce system input capacitance.
Power management features such as digital soft-start delay
and ramp, sequencing, tracking, and margining can be
configured by simple pin-strapping or through an on-chip serial
port. The ZL2103 uses the PMBus™ protocol for
communication with a host controller and the Digital-DC bus
for interoperability between other Zilker Labs devices.
Features
• Integrated MOSFET switches
• 3A continuous output current
• ±1% output voltage accuracy
• Snapshot™ parametric capture
•I2C/SMBus interface, PMBus compatible
• Internal non-volatile memory (NVM)
Applications*(see page 27)
• Telecom, Networking, Storage equipment
• Test and Measurement equipment
• Industrial control equipment
• 5V and 12V distributed power systems
Related Literature
• See AN2010 “Thermal and Layout Guidelines for Digital-
DC™ Products”
• See AN2033 “Zilker Labs PMBus Command Set-DDC
Products PMBus Command Set”
• See AN2035 “Compensation Using CompZL™”
FIGURE 1. ZL2103 EFFICIENCY
40
50
60
70
80
90
100
0.0
0.5
1.0
1.5
2.0
2.5
3.0
VIN = 12V
fSW = 200kHz
L = 6µH
VOUT = 3.3V
IOUT (A)
NOT RECOMMENDED FOR NEW DESIGNS
RECOMMENDED REPLACEMENT PART
ZL2102


Số phần tương tự - ZL2103ALAFT

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Intersil Corporation
ZL2103ALAFT INTERSIL-ZL2103ALAFT Datasheet
929Kb / 28P
3A Digital-DC Synchronous Step-Down DC/DC Converter
May 3, 2011
ZL2103ALAFTK INTERSIL-ZL2103ALAFTK Datasheet
929Kb / 28P
3A Digital-DC Synchronous Step-Down DC/DC Converter
May 3, 2011
More results

Mô tả tương tự - ZL2103ALAFT

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Intersil Corporation
ZL2106 INTERSIL-ZL2106 Datasheet
624Kb / 35P
6A Digital-DC Synchronous Step-Down DC-DC Converter
February 19, 2009
ZL2106 INTERSIL-ZL2106_10 Datasheet
571Kb / 29P
6A Digital-DC Synchronous Step-Down DC/DC Converter
February 11, 2010
ZL2103 INTERSIL-ZL2103 Datasheet
929Kb / 28P
3A Digital-DC Synchronous Step-Down DC/DC Converter
May 3, 2011
ZL2106ALCF INTERSIL-ZL2106ALCF Datasheet
936Kb / 29P
6A Digital-DC Synchronous Step-Down DC/DC Converter
February 20, 2013
ZL2106ALCF INTERSIL-ZL2106ALCF Datasheet
934Kb / 29P
6A Digital-DC Synchronous Step-Down DC/DC Converter
February 20, 2013
logo
Global Mixed-mode Techn...
G5671 GMT-G5671 Datasheet
79Kb / 1P
3A Synchronous Step-Down DC/DC
logo
E-CMOS Corporation
EC3293 E-CMOS-EC3293 Datasheet
821Kb / 11P
3A, 18V, Synchronous Step-down DC/DC Converter
EC3293A E-CMOS-EC3293A Datasheet
625Kb / 11P
3A, 18V, 500KHz, Synchronous Step Down DC/DC Converter
logo
Renesas Technology Corp
ZL2106 RENESAS-ZL2106 Datasheet
1Mb / 29P
6A Digital-DC Synchronous Step-Down DC/DC Converter
logo
Maxim Integrated Produc...
MAX16961 MAXIM-MAX16961_V01 Datasheet
595Kb / 13P
3A, 2.2MHz, Synchronous Step-Down DC-DC Converter
2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com