công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

X9511WPIZ bảng dữ liệu(PDF) 1 Page - Renesas Technology Corp

tên linh kiện X9511WPIZ
Giải thích chi tiết về linh kiện  Single Push Button Controlled Potentiometer (XDCP?? Linear, 32 Taps, Push Button Controlled, Terminal Voltage 짹5V
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

X9511WPIZ bảng dữ liệu(HTML) 1 Page - Renesas Technology Corp

  X9511WPIZ Datasheet HTML 1Page - Renesas Technology Corp X9511WPIZ Datasheet HTML 2Page - Renesas Technology Corp X9511WPIZ Datasheet HTML 3Page - Renesas Technology Corp X9511WPIZ Datasheet HTML 4Page - Renesas Technology Corp X9511WPIZ Datasheet HTML 5Page - Renesas Technology Corp X9511WPIZ Datasheet HTML 6Page - Renesas Technology Corp X9511WPIZ Datasheet HTML 7Page - Renesas Technology Corp X9511WPIZ Datasheet HTML 8Page - Renesas Technology Corp X9511WPIZ Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
FN8205 Rev 3.00
Page 1 of 9
February 2, 2007
FN8205
Rev 3.00
February 2, 2007
X9511
Single Push Button Controlled Potentiometer (XDCP™) Linear, 32 Taps, Push
Button Controlled, Terminal Voltage ±5V
DATASHEET
FEATURES
• Push button controlled
• Low power CMOS
—Active current, 3mA max
—Standby current, 100µA typical
• 31 resistive elements
—Temperature compensated
—
20% end to end resistance range
—-5V to +5V range
• 32 wiper tap points
—Wiper positioned via two push button inputs
—Slow and fast scan modes
—AUTOSTORE® option
—Manual store option
—Wiper position stored in nonvolatile memory
and recalled on power-up
• 100 year wiper position data retention
• X9511W = 10k
• Packages
—8 Ld PDIP
—8 Ld SOIC
• Pb-free plus anneal available (RoHS compliant)
DESCRIPTION
The Intersil X9511 is a push button controlled potenti-
ometer that is ideal for push button controlled resis-
tance trimming.
The X9511 is a resistor array composed of 31 resistive
elements. Between each element and at either end
are tap points accessible to the wiper element. The
position of the wiper element is controlled by the PU
and PD inputs. The position of the wiper can be auto-
matically stored in E2 memory and then be recalled
upon a subsequent power-on operation.
The resolution of the X9511 is equal to the maximum
resistance value divided by 31. As an example, for the
X9511W (10k
) each tap point represents 323.
All Intersil nonvolatile products are designed and
tested for applications requiring extended endurance
and data retention.
ORDERING INFORMATION
PART NUMBER
PART MARKING
RTOTAL
(k
)
TEMPERATURE
RANGE (°C)
PACKAGE
PKG. DWG. #
X9511WP
X9511WP
10
0 to +70
8 Ld PDIP
MDP0031
X9511WPZ (Note)
X9511WP Z
0 to +70
8 Ld PDIP*** (Pb-free) MDP0031
X9511WPI
X9511WP I
-40 to +85
8 Ld PDIP
MDP0031
X9511WPIZ (Note)
X9511WP Z I
-40 to +85
8 Ld PDIP*** (Pb-free) MDP0031
X9511WS**
X9511W
0 to +70
8 Ld SOIC
MDP0027
X9511WSZ*, **(Note)
X9511W Z
0 to +70
8 Ld SOIC (Pb-free)
MDP0027
X9511WSI*, **
X9511W I
-40 to +85
8 Ld SOIC
MDP0027
X9511WSIZ*, ** (Note)
X9511W Z I
-40 to +85
8 Ld SOIC (Pb-free)
MDP0027
NOTE: Intersil Pb-free plus anneal products employ special Pb-free material sets; molding compounds/die attach materials
and 100% matte tin plate termination finish, which are RoHS compliant and compatible with both SnPb and Pb-free soldering
operations. Intersil Pb-free products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free
requirements of IPC/JEDEC J STD-020.
*Add "T1" suffix for tape and reel.
**Add "T2" suffix for tape and reel.
***Pb-free PDIPs can be used for through hole wave solder processing only. They are not intended for use in Reflow solder
processing applications.


Số phần tương tự - X9511WPIZ

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Intersil Corporation
X9511WPIZ INTERSIL-X9511WPIZ Datasheet
213Kb / 9P
Single Digitally-Controlled (XDCP) Potentiometer (Push Button Controlled)
September 6, 2005
X9511WPIZ INTERSIL-X9511WPIZ Datasheet
195Kb / 9P
Single Push Button Controlled Potentiometer (
February 2, 2007
X9511WPIZ INTERSIL-X9511WPIZ Datasheet
201Kb / 9P
The Intersil X9511 is a push button controlled potenti ometer that is ideal for push button controlled resis tance trimming
February 2, 2007
X9511WPIZ INTERSIL-X9511WPIZ Datasheet
198Kb / 9P
Linear, 32 Taps, Push Button Controlled, Terminal Voltage ±5V
February 2, 2007
More results

Mô tả tương tự - X9511WPIZ

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Intersil Corporation
X9511 INTERSIL-X9511 Datasheet
213Kb / 9P
Single Digitally-Controlled (XDCP) Potentiometer (Push Button Controlled)
September 6, 2005
X9511 INTERSIL-X9511_07 Datasheet
195Kb / 9P
Single Push Button Controlled Potentiometer (
February 2, 2007
ISL22511 INTERSIL-ISL22511 Datasheet
423Kb / 13P
Low Noise, Low Power, 32 Taps, Push Button Controlled Potentiometer Single Push Button Controlled Potentiometer XDCP
July 16, 2009
ISL22512 INTERSIL-ISL22512 Datasheet
282Kb / 11P
Single Push Button Controlled Potentiometer XDCP
March 24, 2008
ISL23511 INTERSIL-ISL23511_08 Datasheet
407Kb / 10P
Single Push Button Controlled Potentiometer
January 21, 2008
X9511WP INTERSIL-X9511WP Datasheet
198Kb / 9P
Linear, 32 Taps, Push Button Controlled, Terminal Voltage ±5V
February 2, 2007
logo
Renesas Technology Corp
ISL22511 RENESAS-ISL22511 Datasheet
767Kb / 13P
Single Push Button Controlled Potentiometer (XDCP?? Low Noise, Low Power, 32 Taps, Push Button Controlled Potentiometer
ISL22512 RENESAS-ISL22512 Datasheet
671Kb / 13P
Single Push Button Controlled Potentiometer (XDCP?? Low Noise, Low Power, 16 Taps, Push Button Controlled Potentiometer
ISL23511 RENESAS-ISL23511 Datasheet
740Kb / 11P
Single Push Button Controlled Potentiometer (XDCP?? Low Noise, Low Power, 32 Taps, Push Button Controlled Potentiometer
ISL23512 RENESAS-ISL23512 Datasheet
608Kb / 10P
Single Push Button Controlled Potentiometer (XDCP™) Low Noise, Low Power, 16 Taps, Push Button Controlled Potentiometer
January 21, 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com