công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PIC16F62X-04E/P bảng dữ liệu(PDF) 7 Page - Microchip Technology

tên linh kiện PIC16F62X-04E/P
Giải thích chi tiết về linh kiện  FLASH-Based 8-Bit CMOS Microcontroller
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F62X-04E/P bảng dữ liệu(HTML) 7 Page - Microchip Technology

Back Button PIC16F62X-04E/P Datasheet HTML 3Page - Microchip Technology PIC16F62X-04E/P Datasheet HTML 4Page - Microchip Technology PIC16F62X-04E/P Datasheet HTML 5Page - Microchip Technology PIC16F62X-04E/P Datasheet HTML 6Page - Microchip Technology PIC16F62X-04E/P Datasheet HTML 7Page - Microchip Technology PIC16F62X-04E/P Datasheet HTML 8Page - Microchip Technology PIC16F62X-04E/P Datasheet HTML 9Page - Microchip Technology PIC16F62X-04E/P Datasheet HTML 10Page - Microchip Technology PIC16F62X-04E/P Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 170 page
background image
 2003 Microchip Technology Inc.
Preliminary
DS40300C-page 5
PIC16F62X
1.0
PIC16F62X DEVICE VARIETIES
A variety of frequency ranges and packaging options
are available. Depending on application and production
requirements, the proper device option can be selected
using the information in the PIC16F62X Product
Identification System section (Page 167) at the end of
this data sheet. When placing orders, please use this
page of the data sheet to specify the correct part
number.
1.1
FLASH Devices
FLASH devices can be erased and reprogrammed
electrically. This allows the same device to be used for
prototype development, pilot programs and production.
A further advantage of the electrically-erasable FLASH
is that it can be erased and reprogrammed in-circuit, or
by device programmers, such as Microchip's
PICSTART® Plus, or PRO MATE® II programmers.
1.2
Quick-Turnaround Production
(QTP) Devices
Microchip offers a QTP Programming Service for
factory production orders. This service is made
available for users who chose not to program a
medium-to-high quantity of units and whose code
patterns have stabilized. The devices are standard
FLASH devices but with all program locations and con-
figuration options already programmed by the factory.
Certain code and prototype verification procedures
apply before production shipments are available.
Please contact your Microchip Technology sales office
for more details.
1.3
Serialized Quick-Turnaround
Production (SQTPsm) Devices
Microchip offers a unique programming service where
a few user-defined locations in each device are
programmed with different serial numbers. The serial
numbers
may
be
random,
pseudo-random
or
sequential.
Serial programming allows each device to have a
unique number which can serve as an entry-code,
password or ID number.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com